Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA820SKGD3 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # OPA820SKGD3
Description  UNITY-GAIN STABLE, LOW-NOISE, VOLTAGE-FEEDBACK OPERATIONAL AMPLIFIER
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA820SKGD3 Datasheet(HTML) 11 Page - Texas Instruments

Back Button OPA820SKGD3 Datasheet HTML 7Page - Texas Instruments OPA820SKGD3 Datasheet HTML 8Page - Texas Instruments OPA820SKGD3 Datasheet HTML 9Page - Texas Instruments OPA820SKGD3 Datasheet HTML 10Page - Texas Instruments OPA820SKGD3 Datasheet HTML 11Page - Texas Instruments OPA820SKGD3 Datasheet HTML 12Page - Texas Instruments OPA820SKGD3 Datasheet HTML 13Page - Texas Instruments OPA820SKGD3 Datasheet HTML 14Page - Texas Instruments OPA820SKGD3 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
5
4
3
2
1
0
−1
−2
−3
−4
−5
OUTPUT VOLTAGE AND CURRENT LIMITATIONS
I
O (mA)
−150
−100
−50
0
50
100
150
R
L = 100Ω
R
L = 25Ω
R
L = 50Ω
1W Internal
Power Limit
Output Current
Limit
Output Current
Limit
1W Internal
Power Limit
8
6
4
2
0
−2
−4
−6
−8
NONINVERTING OVERDRIVE RECOVERY
Time (40ns/div)
4
3
2
1
0
−1
−2
−3
−4
Input Right Scale
Output Left Scale
R
L = 100Ω
G = +2V/V
See Figure 1
0.20
0.18
0.16
0.14
0.12
0.10
0.08
0.06
0.04
0.02
0
COMPOSITE VIDEO dG/dP
Video Loads
0.40
0.36
0.32
0.28
0.24
0.20
0.16
0.12
0.08
0.04
0
1
2
3
4
dG Negative Video
dG Positive Video
dP Negative Video
dP Positive Video
G = +2V/V
10
1
0.1
0.01
CLOSED−LOOP OUTPUT IMPEDANCE vs FREQUENCY
Frequency (Hz)
1k
10k
100k
1M
10M
100M
5
4
3
2
1
0
−1
−2
−3
−4
−5
INVERTING OVERDRIVE RECOVERY
Time (40ns/div)
5
4
3
2
1
0
−1
−2
−3
−4
−5
Input
Right Scale
Output
Left Scale
R
L = 100Ω
G = −1V/V
See Figure 2
6
5
4
3
2
1
0
COMMON−MODE INPUT RANGE AND OUTPUT SWING
vs SUPPLY VOLTAGE
Supply Voltage (±V
S)
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
+V
IN
−V
IN
+V
OUT
−V
OUT
OPA820-HT
www.ti.com
SBOS587
– DECEMBER 2011
TYPICAL CHARACTERISTICS: VS = ±5 V (continued)
RF = 402 Ω, RL = 100 Ω, G = 2 and TA = 25°C unless otherwise noted.
Copyright
© 2011, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s): OPA820-HT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com