Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM8AL3LE8x Datasheet(PDF) 52 Page - STMicroelectronics

Part # STM8AL3LE8x
Description  Automotive 8-bit ultra-low-power MCU, 64 KB Flash, EEPROM, RTC, AES, LCD, timers, USARTs, I2C, SPIs, ADC, DAC, COMPs
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8AL3LE8x Datasheet(HTML) 52 Page - STMicroelectronics

Back Button STM8AL3LE8x Datasheet HTML 48Page - STMicroelectronics STM8AL3LE8x Datasheet HTML 49Page - STMicroelectronics STM8AL3LE8x Datasheet HTML 50Page - STMicroelectronics STM8AL3LE8x Datasheet HTML 51Page - STMicroelectronics STM8AL3LE8x Datasheet HTML 52Page - STMicroelectronics STM8AL3LE8x Datasheet HTML 53Page - STMicroelectronics STM8AL3LE8x Datasheet HTML 54Page - STMicroelectronics STM8AL3LE8x Datasheet HTML 55Page - STMicroelectronics STM8AL3LE8x Datasheet HTML 56Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 133 page
background image
Memory and register map
STM8AL31E8x STM8AL3LE8x
52/133
DocID027180 Rev 5
0x00 5310
TIM5
TIM5_ARRL
TIM5 Auto-reload register low
0xFF
0x00 5311
TIM5_CCR1H
TIM5 Capture/Compare register 1 high
0x00
0x00 5312
TIM5_CCR1L
TIM5 Capture/Compare register 1 low
0x00
0x00 5313
TIM5_CCR2H
TIM5 Capture/Compare register 2 high
0x00
0x00 5314
TIM5_CCR2L
TIM5 Capture/Compare register 2 low
0x00
0x00 5315
TIM5_BKR
TIM5 break register
0x00
0x00 5316
TIM5_OISR
TIM5 output idle state register
0x00
0x00 5317
to
0x00 533F
Reserved area
0x00 5340
ADC1
ADC1_CR1
ADC1 configuration register 1
0x00
0x00 5341
ADC1_CR2
ADC1 configuration register 2
0x00
0x00 5342
ADC1_CR3
ADC1 configuration register 3
0x1F
0x00 5343
ADC1_SR
ADC1 status register
0x00
0x00 5344
ADC1_DRH
ADC1 data register high
0x00
0x00 5345
ADC1_DRL
ADC1 data register low
0x00
0x00 5346
ADC1_HTRH
ADC1 high threshold register high
0x0F
0x00 5347
ADC1_HTRL
ADC1 high threshold register low
0xFF
0x00 5348
ADC1_LTRH
ADC1 low threshold register high
0x00
0x00 5349
ADC1_LTRL
ADC1 low threshold register low
0x00
0x00 534A
ADC1_SQR1
ADC1 channel sequence 1 register
0x00
0x00 534B
ADC1_SQR2
ADC1 channel sequence 2 register
0x00
0x00 534C
ADC1_SQR3
ADC1 channel sequence 3 register
0x00
0x00 534D
ADC1_SQR4
ADC1 channel sequence 4 register
0x00
0x00 534E
ADC1_TRIGR1
ADC1 trigger disable 1
0x00
0x00 534F
ADC1_TRIGR2
ADC1 trigger disable 2
0x00
0x00 5350
ADC1_TRIGR3
ADC1 trigger disable 3
0x00
0x00 5351
ADC1_TRIGR4
ADC1 trigger disable 4
0x00
0x00 5352 to
0x00 537F
Reserved area (46 byte)
0x00 5380
DAC
DAC_CH1CR1
DAC channel 1 control register 1
0x00
0x00 5381
DAC_CH1CR2
DAC channel 1 control register 2
0x00
0x00 5382
DAC_CH2CR1
DAC channel 2 control register 1
0x00
0x00 5383
DAC_CH2CR2
DAC channel 2 control register 2
0x00
0x00 5384
DAC_SWTRIG
DAC software trigger register
0x00
0x00 538
5
DAC_SR
DAC status register
0x00
Table 9. General hardware register map (continued)
Address
Block
Register label
Register name
Reset status



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com