Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM8AL3LE8x Datasheet(PDF) 11 Page - STMicroelectronics

Part # STM8AL3LE8x
Description  Automotive 8-bit ultra-low-power MCU, 64 KB Flash, EEPROM, RTC, AES, LCD, timers, USARTs, I2C, SPIs, ADC, DAC, COMPs
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8AL3LE8x Datasheet(HTML) 11 Page - STMicroelectronics

Back Button STM8AL3LE8x Datasheet HTML 7Page - STMicroelectronics STM8AL3LE8x Datasheet HTML 8Page - STMicroelectronics STM8AL3LE8x Datasheet HTML 9Page - STMicroelectronics STM8AL3LE8x Datasheet HTML 10Page - STMicroelectronics STM8AL3LE8x Datasheet HTML 11Page - STMicroelectronics STM8AL3LE8x Datasheet HTML 12Page - STMicroelectronics STM8AL3LE8x Datasheet HTML 13Page - STMicroelectronics STM8AL3LE8x Datasheet HTML 14Page - STMicroelectronics STM8AL3LE8x Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 133 page
background image
DocID027180 Rev 5
11/133
STM8AL31E8x STM8AL3LE8x
Description
61
2
Description
The high-density STM8AL3xE8x ultra-low-power devices feature an enhanced STM8 CPU
core providing increased processing power (up to 16 MIPS at 16 MHz) while maintaining the
advantages of a CISC architecture with improved code density, a 24-bit linear addressing
space and an optimized architecture for low-power operations.
The family includes an integrated debug module with a hardware interface (SWIM) which
allows non-intrusive in-application debugging and ultrafast Flash programming.
All high-density STM8AL3xE8x microcontrollers feature embedded data EEPROM and low-
power low-voltage single-supply program Flash memory.
The devices incorporate an extensive range of enhanced I/Os and peripherals, a 12-bit
ADC, two DACs, two comparators, a real-time clock, AES, 8x40 or 4x44-segment LCD, four
16-bit timers, one 8-bit timer, as well as standard communication interfaces such as two
SPIs, an I2C interface, and three USARTs. One 8x40 or 4x44-segment LCD is available on
the STM8AL3LE8x devices. The modular design of the peripheral set allows the same
peripherals to be found in different ST microcontroller families including 32-bit families. This
makes any transition to a different family very easy, and simplified even more by the use of
a common set of development tools.
2.1
STM8AL ultra-low-power 8-bit family benefits
High-density STM8AL3xE8x devices are part of the STM8AL automotive ultra-low-power 8-
bit family providing the following benefits:
•
Integrated system
–
64 Kbytes of high-density embedded Flash program memory
–
2 Kbytes of data EEPROM
–
4 Kbytes of RAM
–
Internal high-speed and low-power low speed RC.
–
Embedded reset
•
Ultra-low-power consumption
–
1 µA in Active-halt mode
–
Clock gated system and optimized power management
–
Capability to execute from RAM for Low-power wait mode and Low-power run
mode
•
Advanced features
–
Up to 16 MIPS at 16 MHz CPU clock frequency
–
Direct memory access (DMA) for memory-to-memory or peripheral-to-memory
access.
•
Short development cycles
–
Application scalability across a common family product architecture with
compatible pinout, memory map and modular peripherals.
–
Wide choice of development tools



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com