Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM8AL3LE8x Datasheet(PDF) 90 Page - STMicroelectronics

Part # STM8AL3LE8x
Description  Automotive 8-bit ultra-low-power MCU, 64 KB Flash, EEPROM, RTC, AES, LCD, timers, USARTs, I2C, SPIs, ADC, DAC, COMPs
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8AL3LE8x Datasheet(HTML) 90 Page - STMicroelectronics

Back Button STM8AL3LE8x Datasheet HTML 86Page - STMicroelectronics STM8AL3LE8x Datasheet HTML 87Page - STMicroelectronics STM8AL3LE8x Datasheet HTML 88Page - STMicroelectronics STM8AL3LE8x Datasheet HTML 89Page - STMicroelectronics STM8AL3LE8x Datasheet HTML 90Page - STMicroelectronics STM8AL3LE8x Datasheet HTML 91Page - STMicroelectronics STM8AL3LE8x Datasheet HTML 92Page - STMicroelectronics STM8AL3LE8x Datasheet HTML 93Page - STMicroelectronics STM8AL3LE8x Datasheet HTML 94Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 133 page
background image
Electrical parameters
STM8AL31E8x STM8AL3LE8x
90/133
DocID027180 Rev 5
Low speed internal RC oscillator (LSI)
In the following table, data are based on characterization results, not tested in production,
unless otherwise specified.
Figure 24. Typical LSI clock source frequency vs. VDD
9.3.5
Memory characteristics
TA = -40 to 125 °C unless otherwise specified.
Table 35. LSI oscillator characteristics
Symbol
Parameter
Conditions(1)
1. VDD = 1.65 V to 3.6 V, TA = -40 to 125 °C unless otherwise specified.
Min.
Typ.
Max.
Unit
fLSI
Frequency
-
26
38
56
kHz
tsu(LSI) LSI oscillator wakeup time
-
-
-
200(2)
2. Guaranteed by design.
µs
D(LSI)
LSI oscillator frequency
drift(3)
3. This is a deviation for an individual part, once the initial frequency has been measured.
0 °C
≤TA ≤ 85 °C
-12
-
11
%
Table 36. RAM and hardware registers
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
VRM
Data retention mode (1)
1. Minimum supply voltage without losing data stored in RAM (in Halt mode or under Reset) or in hardware
registers (only in Halt mode). Guaranteed by characterization results.
Halt mode (or Reset)
1.65
-
-
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com