Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM8AL3LE8x Datasheet(PDF) 12 Page - STMicroelectronics

Part # STM8AL3LE8x
Description  Automotive 8-bit ultra-low-power MCU, 64 KB Flash, EEPROM, RTC, AES, LCD, timers, USARTs, I2C, SPIs, ADC, DAC, COMPs
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8AL3LE8x Datasheet(HTML) 12 Page - STMicroelectronics

Back Button STM8AL3LE8x Datasheet HTML 8Page - STMicroelectronics STM8AL3LE8x Datasheet HTML 9Page - STMicroelectronics STM8AL3LE8x Datasheet HTML 10Page - STMicroelectronics STM8AL3LE8x Datasheet HTML 11Page - STMicroelectronics STM8AL3LE8x Datasheet HTML 12Page - STMicroelectronics STM8AL3LE8x Datasheet HTML 13Page - STMicroelectronics STM8AL3LE8x Datasheet HTML 14Page - STMicroelectronics STM8AL3LE8x Datasheet HTML 15Page - STMicroelectronics STM8AL3LE8x Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 133 page
background image
Description
STM8AL31E8x STM8AL3LE8x
12/133
DocID027180 Rev 5
STM8AL ultra-low-power microcontrollers operates either from 1.8 to 3.6 V (down to 1.65 V
at power-down) or from 1.65 to 3.6 V. They are available in the -40 to +85 °C and -40 to
+125 °C temperature ranges.
These features make the STM8AL ultra-low-power microcontroller families suitable for a
wide range of applications.
The devices are offered in one 48-pin package. Different sets of peripherals are included
depending on the device. Refer to Section 3 for an overview of the complete range of
peripherals proposed in this family.
All STM8AL ultra-low-power products are based on the same architecture with the same
memory mapping and a coherent pinout.
Figure 1 shows the block diagram of the high-density STM8AL3xE8x families.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com