Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32F301X6 Datasheet(PDF) 97 Page - STMicroelectronics

Part # STM32F301X6
Description  ARM Cortex-M4 32-bit MCUFPU, up to 64 KB Flash, 16 KB SRAM, ADC, DAC, COMP, Op-Amp, 2.0 ??3.6 V
PDF  135 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F301X6 Datasheet(HTML) 97 Page - STMicroelectronics

Back Button STM32F301X6 Datasheet HTML 93Page - STMicroelectronics STM32F301X6 Datasheet HTML 94Page - STMicroelectronics STM32F301X6 Datasheet HTML 95Page - STMicroelectronics STM32F301X6 Datasheet HTML 96Page - STMicroelectronics STM32F301X6 Datasheet HTML 97Page - STMicroelectronics STM32F301X6 Datasheet HTML 98Page - STMicroelectronics STM32F301X6 Datasheet HTML 99Page - STMicroelectronics STM32F301X6 Datasheet HTML 100Page - STMicroelectronics STM32F301X6 Datasheet HTML 101Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 135 page
background image
DocID025146 Rev 6
97/135
STM32F301x6 STM32F301x8
Electrical characteristics
114
Note:
Refer to RM0366 Reference Manual I2S Section for more details about the sampling
frequency (Fs), fMCK, fCK, DCK values reflect only the digital peripheral behavior, source
clock precision might slightly change the values DCK depends mainly on ODD bit value.
Digital contribution leads to a min of (I2SDIV/(2*I2SDIV+ODD) and a max
(I2SDIV+ODD)/(2*I2SDIV+ODD) and Fs max supported for each mode/condition.
tv(WS)
WS valid time
Master mode
-
20
ns
th(WS)
WS hold time
Master mode
2
-
tsu(WS)
WS setup time
Slave mode
0
-
th(WS)
WS hold time
Slave mode
4
-
tsu(SD_MR)
Data input setup time
Master receiver
1
-
tsu(SD_SR)
Slave receiver
1
-
th(SD_MR)
Data input hold time
Master receiver
8
-
th(SD_SR)
Slave receiver
2.5
-
tv(SD_ST)
Data output valid time
Slave transmitter (after enable edge)
-
50
tv(SD_MT)
Master transmitter (after enable
edge)
-22
th(SD_ST)
Data output hold time
Slave transmitter (after enable edge)
8
-
th(SD_MT)
Master transmitter (after enable
edge)
1-
1. Guaranteed by characterization results.
2. 256xFs maximum is 36 MHz (APB1 Maximum frequency)
Table 63. I2S characteristics(1) (continued)
Symbol
Parameter
Conditions
Min
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com