Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32F301X6 Datasheet(PDF) 41 Page - STMicroelectronics

Part # STM32F301X6
Description  ARM Cortex-M4 32-bit MCUFPU, up to 64 KB Flash, 16 KB SRAM, ADC, DAC, COMP, Op-Amp, 2.0 ??3.6 V
PDF  135 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F301X6 Datasheet(HTML) 41 Page - STMicroelectronics

Back Button STM32F301X6 Datasheet HTML 37Page - STMicroelectronics STM32F301X6 Datasheet HTML 38Page - STMicroelectronics STM32F301X6 Datasheet HTML 39Page - STMicroelectronics STM32F301X6 Datasheet HTML 40Page - STMicroelectronics STM32F301X6 Datasheet HTML 41Page - STMicroelectronics STM32F301X6 Datasheet HTML 42Page - STMicroelectronics STM32F301X6 Datasheet HTML 43Page - STMicroelectronics STM32F301X6 Datasheet HTML 44Page - STMicroelectronics STM32F301X6 Datasheet HTML 45Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 135 page
background image
---
51
PC10
I/O
FT
-
EVENTOUT, SPI3_SCK/I2S3_CK,
USART3_TX
-
---
52
PC11
I/O
FT
-
EVENTOUT,
SPI3_MISO/I2S3ext_SD,
USART3_RX
-
---
53
PC12
I/O
FT
-
EVENTOUT, SPI3_MOSI/I2S3_SD,
USART3_CK
-
-
-
-
54
PD2
I/O
FT
-
EVENTOUT
-
26
A3
39
55
PB3
I/O
FT
-
JTDO-TRACESWO, TIM2_CH2,
TSC_G5_IO1, SPI3_SCK/I2S3_CK,
USART2_TX, EVENTOUT
-
27
A4
40
56
PB4
I/O
FT
-
JTRST, TIM16_CH1, TSC_G5_IO2,
SPI3_MISO/I2S3ext_SD,
USART2_RX, TIM17_BKIN,
EVENTOUT
-
28
B4
41
57
PB5
I/O
FT
-
TIM16_BKIN, I2C1_SMBAl,
SPI3_MOSI/I2S3_SD, USART2_CK,
I2C3_SDA, TIM17_CH1, EVENTOUT
-
29
C4
42
58
PB6
I/O
FTf
-
TIM16_CH1N, TSC_G5_IO3,
I2C1_SCL, USART1_TX,
EVENTOUT
-
30
D4
43
59
PB7
I/O
FTf
-
TIM17_CH1N, TSC_G5_IO4,
I2C1_SDA, USART1_RX,
EVENTOUT
-
Table 13. STM32F301x6/8 pin definitions (continued)
Pin Number
Pin name
(function after reset)
Alternate
functions
Additional
functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com