Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32F301X6 Datasheet(PDF) 47 Page - STMicroelectronics

Part # STM32F301X6
Description  ARM Cortex-M4 32-bit MCUFPU, up to 64 KB Flash, 16 KB SRAM, ADC, DAC, COMP, Op-Amp, 2.0 ??3.6 V
PDF  135 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F301X6 Datasheet(HTML) 47 Page - STMicroelectronics

Back Button STM32F301X6 Datasheet HTML 43Page - STMicroelectronics STM32F301X6 Datasheet HTML 44Page - STMicroelectronics STM32F301X6 Datasheet HTML 45Page - STMicroelectronics STM32F301X6 Datasheet HTML 46Page - STMicroelectronics STM32F301X6 Datasheet HTML 47Page - STMicroelectronics STM32F301X6 Datasheet HTML 48Page - STMicroelectronics STM32F301X6 Datasheet HTML 49Page - STMicroelectronics STM32F301X6 Datasheet HTML 50Page - STMicroelectronics STM32F301X6 Datasheet HTML 51Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 135 page
background image
Table 16. Alternate functions for Port C
Port &
pin name
AF0
AF1
AF2
AF3
AF4
AF5
AF6
AF7
SYS_AF
TIM2/TIM15/
TIM16/TIM17/
EVENT
I2C3/TIM1/TIM2
/TIM15
I2C3/TIM15/
TSC
I2C1/I2C2/TIM1/
TIM16/TIM17
SPI2/I2S2/
SPI3/I2S3
Infrared
SPI2/I2S2/SPI3/
I2S3/TIM1/
Infrared
USART1/
USART2/
USART3/
GPCOMP6
PC0
-
EVENTOUT
TIM1_CH1
-----
PC1
-
EVENTOUT
TIM1_CH2
-----
PC2
-
EVENTOUT
TIM1_CH3
-----
PC3
-
EVENTOUT
TIM1_CH4
---
TIM1_BKIN2
-
PC4
-
EVENTOUT
TIM1_ETR
----
USART1_TX
PC5
-
EVENTOUT
TIM15_BKIN
TSC_G3_IO1
---
USART1_RX
PC6
-
EVENTOUT
-
---
I2S2_MCK
COMP6_OUT
PC7
-
EVENTOUT
-
---
I2S3_MCK
-
PC8
-
EVENTOUT
-
-----
PC9
-
EVENTOUT
-
I2C3_SDA
-
I2SCKIN
--
PC10
-
EVENTOUT
-
---
SPI3_SCK/
I2S3_CK
USART3_TX
PC11
-
EVENTOUT
-
---
SPI3_MISO/
I2S3ext_SD
USART3_RX
PC12
-
EVENTOUT
-
---
SPI3_MOSI/
I2S3_SD
USART3_CK
PC13
---
-
TIM1_CH1N
---
PC14
---
-----
PC15
---
-----



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com