Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32F301X6 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STM32F301X6
Description  ARM Cortex-M4 32-bit MCUFPU, up to 64 KB Flash, 16 KB SRAM, ADC, DAC, COMP, Op-Amp, 2.0 ??3.6 V
PDF  135 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F301X6 Datasheet(HTML) 1 Page - STMicroelectronics

  STM32F301X6 Datasheet HTML 1Page - STMicroelectronics STM32F301X6 Datasheet HTML 2Page - STMicroelectronics STM32F301X6 Datasheet HTML 3Page - STMicroelectronics STM32F301X6 Datasheet HTML 4Page - STMicroelectronics STM32F301X6 Datasheet HTML 5Page - STMicroelectronics STM32F301X6 Datasheet HTML 6Page - STMicroelectronics STM32F301X6 Datasheet HTML 7Page - STMicroelectronics STM32F301X6 Datasheet HTML 8Page - STMicroelectronics STM32F301X6 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 135 page
background image
This is information on a product in full production.
July 2016
DocID025146 Rev 6
1/135
STM32F301x6 STM32F301x8
ARM® Cortex®-M4 32-bit MCU+FPU, up to 64 KB Flash,
16 KB SRAM, ADC, DAC, COMP, Op-Amp, 2.0 – 3.6 V
Datasheet
- production data
Features
• Core: ARM® 32-bit Cortex®-M4 CPU with FPU
(72 MHz max.), single-cycle multiplication and
HW division, DSP instruction
• Memories
– 32 to 64 Kbytes of Flash memory
– 16 Kbytes of SRAM on data bus
• CRC calculation unit
• Reset and power management
–VDD, VDDA voltage range: 2.0 to 3.6 V
– Power-on/Power down reset (POR/PDR)
– Programmable voltage detector (PVD)
– Low-power: Sleep, Stop, and Standby
–VBAT supply for RTC and backup registers
• Clock management
– 4 to 32 MHz crystal oscillator
– 32 kHz oscillator for RTC with calibration
– Internal 8 MHz RC with x 16 PLL option
– Internal 40 kHz oscillator
• Up to 51 fast I/O ports, all mappable on
external interrupt vectors, several 5 V-tolerant
• Interconnect matrix
• 7-channel DMA controller supporting timers,
ADCs, SPIs, I2Cs, USARTs and DAC
• 1 × ADC 0.20 μs (up to 15 channels) with
selectable resolution of 12/10/8/6 bits, 0 to
3.6 V conversion range, single
ended/differential mode, separate analog
supply from 2.0 to 3.6 V
• Temperature sensor
• 1 x 12-bit DAC channel with analog supply from
2.4 to 3.6 V
• Three fast rail-to-rail analog comparators with
analog supply from 2.0 to 3.6 V
• 1 x operational amplifier that can be used in
PGA mode, all terminal accessible with analog
supply from 2.4 to 3.6 V
• Up to 18 capacitive sensing channels
supporting touchkey, linear and rotary sensors
• Up to 9 timers
– One 32-bit timer with up to 4 IC/OC/PWM
or pulse counter and quadrature
(incremental) encoder input
– One 16-bit 6-channel advanced-control
timer, with up to 6 PWM channels,
deadtime generation and emergency stop
– Three 16-bit timers with IC/OC/OCN or
PWM, deadtime gen. and emergency stop
– One 16-bit basic timer to drive the DAC
– 2 watchdog timers (independent, window)
– SysTick timer: 24-bit downcounter
• Calendar RTC with alarm, periodic wakeup
from Stop/Standby
• Communication interfaces
– Three I2Cs with 20 mA current sink to
support Fast mode plus
– Up to 3 USARTs, 1 with ISO 7816 I/F, auto
baudrate detect and Dual clock domain
– Up to two SPIs with multiplexed full duplex
I2S
– Infrared transmitter
• Serial wire debug (SWD), JTAG
• 96-bit unique ID
Table 1. Device summary
Reference
Part number
STM32F301x6
STM32F301R6, STM32F301C6, STM32F301K6
STM32F301x8
STM32F301R8, STM32F301C8, STM32F301K8
LQFP48 (7x7 mm)
LQFP64 (10x10 mm)
UFQFPN32
(5x5 mm)
WLCSP49
(3.417x3.151 mm)
www.st.com


Similar Part No. - STM32F301X6

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM32F301X6 STMICROELECTRONICS-STM32F301X6 Datasheet
1Mb / 141P
Arm® Cortex®-M4 32-bit MCUFPU, up to 64 KB Flash, 16 KB SRAM, ADC, DAC, COMP, Op-Amp, 2.0 – 3.6 V
05-Apr-2018
STM32F301X6 STMICROELECTRONICS-STM32F301X6_V01 Datasheet
1Mb / 141P
Arm® Cortex®-M4 32-bit MCUFPU, up to 64 KB Flash, 16 KB SRAM, ADC, DAC, COMP, Op-Amp, 2.0 – 3.6 V
05-Apr-2018
More results

Similar Description - STM32F301X6

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
LPC81XM PHILIPS-LPC81XM_15 Datasheet
739Kb / 77P
32-bit ARM Cortex-M0 microcontroller; up to 16 kB flash and 4 kB SRAM
Rev. 4.4-23 June 2015
logo
STMicroelectronics
STM32L052X6 STMICROELECTRONICS-STM32L052X6 Datasheet
1Mb / 136P
Ultra-low-power 32-bit MCU ARM-based Cortex-M0, up to 64 KB Flash memory, 8 KB SRAM, 2 KB EEPROM, USB, ADC, DAC
22-Mar-2016
STM32F318C8 STMICROELECTRONICS-STM32F318C8 Datasheet
1Mb / 125P
ARM-based Cortex-M4 32-bit MCUFPU, 64 KB Flash, 16 KB SRAM, ADC, DAC, 3 COMP, Op-Amp, 1.8 V
22-Jun-2015
STM32F071X8 STMICROELECTRONICS-STM32F071X8 Datasheet
1Mb / 122P
ARM-based 32-bit MCU, up to 128 KB Flash, 12 timers, ADC, DAC & communication interfaces, 2.0 - 3.6 V
15-Sep-2016
STM32F303XD STMICROELECTRONICS-STM32F303XD Datasheet
2Mb / 173P
ARM Cortex-M4 32b MCUFPU, up to 512KB Flash, 80KB SRAM, FSMC, 4 ADCs, 2 DAC ch., 7 comp, 4 Op-Amp, 2.0-3.6 V
21-Oct-2016
logo
Holtek Semiconductor In...
HT32F0008 HOLTEK-HT32F0008 Datasheet
1Mb / 46P
32-Bit Arm Cortex -M0 Microcontroller, up to 64 KB Flash and 16 KB SRAM
HT32F12345 HOLTEK-HT32F12345 Datasheet
1Mb / 51P
32-Bit Arm Cortex -M3 Microcontroller, up to 64 KB Flash and 16 KB SRAM
November 07, 2017
HT32F52243 HOLTEK-HT32F52243 Datasheet
6Mb / 44P
32-Bit Arm Cortex -M0 Microcontroller, up to 128 KB Flash and 16 KB SRAM
October 23, 2017
logo
NXP Semiconductors
LPC111XLV NXP-LPC111XLV Datasheet
1Mb / 53P
32-bit ARM Cortex-M0 MCU; up to 32 kB flash, 8 kB SRAM; 8-bit ADC
Rev. 2-10 October 2012
logo
STMicroelectronics
STM32F302X6 STMICROELECTRONICS-STM32F302X6_V01 Datasheet
2Mb / 139P
Arm® Cortex®-M4 32-bit MCUFPU, up to 64 KB Flash, 16 KB SRAM, ADC, DAC, USB, CAN, COMP, Op-Amp, 2.0 - 3.6 V
09-Mar-2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com