Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32F301X6 Datasheet(PDF) 22 Page - STMicroelectronics

Part # STM32F301X6
Description  ARM Cortex-M4 32-bit MCUFPU, up to 64 KB Flash, 16 KB SRAM, ADC, DAC, COMP, Op-Amp, 2.0 ??3.6 V
PDF  135 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F301X6 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button STM32F301X6 Datasheet HTML 18Page - STMicroelectronics STM32F301X6 Datasheet HTML 19Page - STMicroelectronics STM32F301X6 Datasheet HTML 20Page - STMicroelectronics STM32F301X6 Datasheet HTML 21Page - STMicroelectronics STM32F301X6 Datasheet HTML 22Page - STMicroelectronics STM32F301X6 Datasheet HTML 23Page - STMicroelectronics STM32F301X6 Datasheet HTML 24Page - STMicroelectronics STM32F301X6 Datasheet HTML 25Page - STMicroelectronics STM32F301X6 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 135 page
background image
Functional overview
STM32F301x6 STM32F301x8
22/135
DocID025146 Rev 6
3.14
Ultra-fast comparators (COMP)
The STM32F301x6/8 devices embed up to three ultra-fast rail-to-rail comparators which
offer the features below:
•
Programmable internal or external reference voltage
•
Selectable output polarity.
The reference voltage can be one of the following:
•
External I/O
•
DAC output
•
Internal reference voltage or submultiple (1/4, 1/2, 3/4). Refer to Table 27: Embedded
internal reference voltage for the value and precision of the internal reference voltage.
All comparators can wake up from STOP mode, and also generate interrupts and breaks for
the timers.
3.15
Timers and watchdogs
The STM32F301x6/8 devices include advanced control timer, up to general-purpose timers,
basic timer, two watchdog timers and a SysTick timer. Table 5 compares the features of the
advanced control, general purpose and basic timers.
Table 5. Timer feature comparison
Timer type
Timer
Counter
resolution
Counter
type
Prescaler
factor
DMA
request
generation
Capture/
compare
Channels
Complementary
outputs
Advanced
control
TIM1(1)
16-bit
Up, Down,
Up/Down
Any integer
between 1
and 65536
Yes
4
Yes
General-
purpose
TIM2
32-bit
Up, Down,
Up/Down
Any integer
between 1
and 65536
Yes
4
No
TIM15(1)
16-bit
Up
Any integer
between 1
and 65536
Yes
2
1
TIM16(1),
TIM17(1)
16-bit
Up
Any integer
between 1
and 65536
Yes
1
1
Basic
TIM6
16-bit
Up
Any integer
between 1
and 65536
Yes
0
No
1.
TIM1/15/16/17 can be clocked from the PLL running at 144 MHz when the system clock source is the PLL and AHB or
APB2 subsystem clocks are not divided by more than 2 cumulatively.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com