Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32F301X6 Datasheet(PDF) 102 Page - STMicroelectronics

Part # STM32F301X6
Description  ARM Cortex-M4 32-bit MCUFPU, up to 64 KB Flash, 16 KB SRAM, ADC, DAC, COMP, Op-Amp, 2.0 ??3.6 V
PDF  135 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F301X6 Datasheet(HTML) 102 Page - STMicroelectronics

Back Button STM32F301X6 Datasheet HTML 98Page - STMicroelectronics STM32F301X6 Datasheet HTML 99Page - STMicroelectronics STM32F301X6 Datasheet HTML 100Page - STMicroelectronics STM32F301X6 Datasheet HTML 101Page - STMicroelectronics STM32F301X6 Datasheet HTML 102Page - STMicroelectronics STM32F301X6 Datasheet HTML 103Page - STMicroelectronics STM32F301X6 Datasheet HTML 104Page - STMicroelectronics STM32F301X6 Datasheet HTML 105Page - STMicroelectronics STM32F301X6 Datasheet HTML 106Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 135 page
background image
Electrical characteristics
STM32F301x6 STM32F301x8
102/135
DocID025146 Rev 6
10 bits
1.5
20.83
0.082
NA
NA
2.5
34.72
0.270
0.082
0.100
4.5
62.50
0.560
0.390
0.330
7.5
104.17
1.20
0.82
0.68
19.5
270.83
3.30
2.70
2.20
61.5
854.17
10.0
8.2
6.8
181.5
2520.83
33.0
27.0
22.0
601.5
8354.17
100.0
82.0
68.0
8 bits
1.5
20.83
0.150
NA
0.039
2.5
34.72
0.390
0.180
0.180
4.5
62.50
0.820
0.560
0.470
7.5
104.17
1.50
1.20
1.00
19.5
270.83
3.90
3.30
2.70
61.5
854.17
12.00
12.00
8.20
181.5
2520.83
39.00
33.00
27.00
601.5
8354.17
100.00
100.00
82.00
6 bits
1.5
20.83
0.270
0.100
0.150
2.5
34.72
0.560
0.390
0.330
4.5
62.50
1.200
0.820
0.820
7.5
104.17
2.20
1.80
1.50
19.5
270.83
5.60
4.70
3.90
61.5
854.17
18.0
15.0
12.0
181.5
2520.83
56.0
47.0
39.0
601.5
8354.17
100.00
100.0
100.0
1. Guaranteed by characterization results.
2. All fast channels, expect channel on PA6.
3. Channel available on PA6.
Table 65. Maximum ADC RAIN (1) (continued)
Resolution
Sampling
cycle @
72 MHz
Sampling
time [ns] @
72 MHz
RAIN max (kΩ)
Fast
channels(2)
Slow
channels
Other
channels(3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com