Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32F301X6 Datasheet(PDF) 110 Page - STMicroelectronics

Part # STM32F301X6
Description  ARM Cortex-M4 32-bit MCUFPU, up to 64 KB Flash, 16 KB SRAM, ADC, DAC, COMP, Op-Amp, 2.0 ??3.6 V
PDF  135 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F301X6 Datasheet(HTML) 110 Page - STMicroelectronics

Back Button STM32F301X6 Datasheet HTML 106Page - STMicroelectronics STM32F301X6 Datasheet HTML 107Page - STMicroelectronics STM32F301X6 Datasheet HTML 108Page - STMicroelectronics STM32F301X6 Datasheet HTML 109Page - STMicroelectronics STM32F301X6 Datasheet HTML 110Page - STMicroelectronics STM32F301X6 Datasheet HTML 111Page - STMicroelectronics STM32F301X6 Datasheet HTML 112Page - STMicroelectronics STM32F301X6 Datasheet HTML 113Page - STMicroelectronics STM32F301X6 Datasheet HTML 114Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 110 / 135 page
background image
Electrical characteristics
STM32F301x6 STM32F301x8
110/135
DocID025146 Rev 6
Figure 34. Maximum VREFINT scaler startup time from power down
tS_SC
VREFINT scaler startup time
from power down
VREFINT scaler activation after
device power on
--
1(3)
s
Next activations
-
-
0.2
ms
tSTART
Comparator startup time
VDDA ≥ 2.7 V
-
-
4
µs
VDDA < 2.7 V
-
-
10
tD
Propagation delay for
200 mV step with 100 mV
overdrive
VDDA ≥ 2.7 V
-
25
28
ns
VDDA < 2.7 V
-
28
30
Propagation delay for full
range step with 100 mV
overdrive
VDDA ≥ 2.7 V
-
32
35
VDDA < 2.7 V
-
35
40
VOFFSET
Comparator offset error
VDDA ≥ 2.7 V
-
±5
±10
mV
VDDA < 2.7 V
-
-
±25
TVOFFSET Total offset variation
Full temperature range
-
-
3
mV
IDD(COMP)
COMP current
consumption
-
-
400
600
µA
1. Guaranteed by design.
2. The comparators do not have built-in hysteresis.
3. For more details and conditions, see Figure 34: Maximum VREFINT scaler startup time from power down.
Table 70. Comparator characteristics(1)(2) (continued)
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com