Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE7183SCD5 Datasheet(PDF) 18 Page - Infineon Technologies AG

Part # TLE7183SCD5
Description  Automotive Power
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE7183SCD5 Datasheet(HTML) 18 Page - Infineon Technologies AG

Back Button TLE7183SCD5 Datasheet HTML 14Page - Infineon Technologies AG TLE7183SCD5 Datasheet HTML 15Page - Infineon Technologies AG TLE7183SCD5 Datasheet HTML 16Page - Infineon Technologies AG TLE7183SCD5 Datasheet HTML 17Page - Infineon Technologies AG TLE7183SCD5 Datasheet HTML 18Page - Infineon Technologies AG TLE7183SCD5 Datasheet HTML 19Page - Infineon Technologies AG TLE7183SCD5 Datasheet HTML 20Page - Infineon Technologies AG TLE7183SCD5 Datasheet HTML 21Page - Infineon Technologies AG TLE7183SCD5 Datasheet HTML 22Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 28 page
background image
TLE7183F
Data Sheet
18
2.2, 2016-01-27
Table 5
Priorisation of Errors
Reset of ERROR registers and Disable
The TLE7183F can be reseted by the enable pins ENAx. If one or two ENAx pins is pulled to low for a specified
minimum time, the error registers are cleared and the external MOSFETs are switched off actively.
During disable only the errors undervoltage shut down and overtemperature warning are shown. Other errors are
not displayed.
5.2.8
Electrical Characteristics
Priority
Error
1
Short circuit detection
2
Undervoltage detection
3
Overvoltage detection
4
Overtemperature
Overcurrent
Electrical Characteristics - Protection and diagnostic functions
V
S = 5.5 to 20V, Tj = -40 to +150°C, all voltages with respect to ground, positive current flowing into pin
(unless otherwise specified)
Pos.
Parameter
Symbol
Limit Values
Unit
Conditions
Min.
Typ.
Max.
Overtemperature
5.2.1
Overtemperature warning
T
j(OW)
150
170
190
°C
–
5.2.2
Hysteresis for overtemperature
warning
dT
j(OW)
–20
–
°C
–
Overcurrent warning
5.2.3
Overcurrent threshold
V
THOC
2
–
4.5
V
Vs=5.5..8V
5.2.4
Overcurrent threshold
V
THOC
2
–
4.8
V
Vs=8..20V
5.2.5
Input offset voltage of OC Comp
V
OCOF
-50
–
50
mV
–
5.2.6
Input offset voltage temperature
drift of OC Comp1)
VIO
-5
–5mV
–
5.2.7
Over current protection threshold
hysteresis
dV
THOC
25
–
mV
Vs=5.5..8V
5.2.8
Over current protection threshold
hysteresis
dV
THOC
50
80
–
mV
Vs=8..20V
5.2.9
Filter time of over current protection t
OC
1.0
1.5
3.0
µs
Short circuit protection
5.2.10
Filter time of short circuit protection t
SCP(off)
4.5
6.8
9
µs
default
5.2.11
Maximum duty cycle for no SCD2)
DySCDmax
–
–
6
%
fPWM=20kHz at
IHx or ILx and at
static applied SC
5.2.12
minimum duty cycle for periodic
SCD2)
DySCDmin
13
–
–
%
fPWM=20kHz at
IHx or ILx and at
static applied SC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com