Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE7183SCD5 Datasheet(PDF) 24 Page - Infineon Technologies AG

Part # TLE7183SCD5
Description  Automotive Power
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE7183SCD5 Datasheet(HTML) 24 Page - Infineon Technologies AG

Back Button TLE7183SCD5 Datasheet HTML 20Page - Infineon Technologies AG TLE7183SCD5 Datasheet HTML 21Page - Infineon Technologies AG TLE7183SCD5 Datasheet HTML 22Page - Infineon Technologies AG TLE7183SCD5 Datasheet HTML 23Page - Infineon Technologies AG TLE7183SCD5 Datasheet HTML 24Page - Infineon Technologies AG TLE7183SCD5 Datasheet HTML 25Page - Infineon Technologies AG TLE7183SCD5 Datasheet HTML 26Page - Infineon Technologies AG TLE7183SCD5 Datasheet HTML 27Page - Infineon Technologies AG TLE7183SCD5 Datasheet HTML 28Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 24 / 28 page
background image
TLE7183F
Application Description
Data Sheet
24
2.2, 2016-01-27
6
Application Description
In the automotive sector there are more and more applications requiring high performance motor drives, such as
electro-hydraulic or electric power steering. In these applications 3 phase motors, synchronous and
asynchronous, are used, combining high output performance, low space requirements and high reliability.
Figure 6
Application Circuit - TLE 7183 F
Note: This is a very simplified example of an application circuit. The function must be verified in the real application.
SH1
V
BAT=12V
µC
or
digital
ASIC
GH1
SH2
GH2
GL1
GL2
VS
IL1
IH1
C
VS
4.7µF
R
VS
10
Ω
GND
SL1
SH3
GH3
SL2
GL3
SL3
IL2
IH2
IL3
IH3
GND
VDH
TLE
7183 F
P-GND
ERR1
ERR2
CH1
CL1
C
CP1
4.7µF
CB1
C
CB1
4.7µF
CH2
CL2
C
CP2
4.7µF
CB2
C
CB2
4.7µF
VRO
ISP
ISN
VRI
VTHOC
VO
Shunt
R
S
R
S
R
fb
R
fb
V_fb
W_fb
U_fb
5V
5V
ADC
INH
ENA2
DT
R
DT
AGND
TP
ENA1
to sub µC
or ASIC
R
Vdh
R
G
R
G
R
G
R
G
R
G
R
G
C
B
1000µF
C
B
1000µF
C
B
1000µF
C
C
1µF
C
C
1µF
C
C
1µF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com