Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE7183SCD5 Datasheet(PDF) 23 Page - Infineon Technologies AG

Part # TLE7183SCD5
Description  Automotive Power
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE7183SCD5 Datasheet(HTML) 23 Page - Infineon Technologies AG

Back Button TLE7183SCD5 Datasheet HTML 19Page - Infineon Technologies AG TLE7183SCD5 Datasheet HTML 20Page - Infineon Technologies AG TLE7183SCD5 Datasheet HTML 21Page - Infineon Technologies AG TLE7183SCD5 Datasheet HTML 22Page - Infineon Technologies AG TLE7183SCD5 Datasheet HTML 23Page - Infineon Technologies AG TLE7183SCD5 Datasheet HTML 24Page - Infineon Technologies AG TLE7183SCD5 Datasheet HTML 25Page - Infineon Technologies AG TLE7183SCD5 Datasheet HTML 26Page - Infineon Technologies AG TLE7183SCD5 Datasheet HTML 27Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 28 page
background image
Data Sheet
23
2.2, 2016-01-27
TLE7183F
5.4
Phase voltage feedback
The TLE7183F incorporates an fast conversion of the phase voltages into logic signals. The threshold values are proportional
to VDH. The outputs are 5V push pull stages. When they are not used they can be left open.
Figure 5
Block diagram phase voltage feedback
5.4.1
Electrical Characteristics
Electrical Characteristics - Phase Voltage Feedback
V
S = 5.5 to 20V, Tj = -40 to +150°C, FPWM < 25kHz, all voltages with respect to ground, positive current flowing into pin
(unless otherwise specified)
Pos.
Parameter
Symbol
Limit Values
Unit
Conditions
Min.
Typ.
Max.
5.4.1
Low level threshold
V
ILfb
35
40
45
% of
VDH
VDH>5.5V
VSHX decreasing
5.4.2
High level threshold
V
IHfb
55
60
65
% of
VDH
VDH>5.5V
VSHX decreasing
5.4.3
High level output voltage of x_fb
V
OHfb
4.0
5.2
V
I= -0.5mA
5.4.4
Low level output voltage of x_f
V
OLfb
-0.1
0.2
V
I= 0.5mA
5.4.5
Propagation delay time incl. rise or fall
time
t
PDfb
110
ns
C
LOAD<100pF
5.4.6
Matching of propagation delay time
t
dPDfb
30
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com