Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE7183SCD5 Datasheet(PDF) 20 Page - Infineon Technologies AG

Part # TLE7183SCD5
Description  Automotive Power
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE7183SCD5 Datasheet(HTML) 20 Page - Infineon Technologies AG

Back Button TLE7183SCD5 Datasheet HTML 16Page - Infineon Technologies AG TLE7183SCD5 Datasheet HTML 17Page - Infineon Technologies AG TLE7183SCD5 Datasheet HTML 18Page - Infineon Technologies AG TLE7183SCD5 Datasheet HTML 19Page - Infineon Technologies AG TLE7183SCD5 Datasheet HTML 20Page - Infineon Technologies AG TLE7183SCD5 Datasheet HTML 21Page - Infineon Technologies AG TLE7183SCD5 Datasheet HTML 22Page - Infineon Technologies AG TLE7183SCD5 Datasheet HTML 23Page - Infineon Technologies AG TLE7183SCD5 Datasheet HTML 24Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 28 page
background image
TLE7183F
Data Sheet
20
2.2, 2016-01-27
5.3
Shunt Signal Conditioning
The TLE7183F incorporates a fast and precise operational amplifier for conditioning and amplification of the
current sense shunt signal. Additionally, one reference bias buffer is integrated to provide an adjustable bias
reference for the three OpAmps. The voltage devider on the VRI pin should be less than 50 kOhm, the filtering
capacitor less than 1.2 µF - if needed at all. The gain of the OpAmp is adjustable by external resistors within a
range of 5 to 15.
When V(ISP) = V(ISN), VO provides the reference voltage VRO. VRO is normally half of the regulated voltage
provided from an external voltage regulator for the ADC used to read the current sense signal. The additional
buffer allows bi-directional current sensing and permits the adaptation of the reference bias to different µC I/O
voltages. The reference buffer assures a stable reference voltage even in the high frequency range.
The output of the I-DC link Opamp Vo is not short-circuit proof.
Figure 4
Shunt Signal Conditioning Block Diagram and Over Current Limitation
Over current warning see Chapter 5.2.2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com