Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE7183SCD5 Datasheet(PDF) 22 Page - Infineon Technologies AG

Part # TLE7183SCD5
Description  Automotive Power
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE7183SCD5 Datasheet(HTML) 22 Page - Infineon Technologies AG

Back Button TLE7183SCD5 Datasheet HTML 18Page - Infineon Technologies AG TLE7183SCD5 Datasheet HTML 19Page - Infineon Technologies AG TLE7183SCD5 Datasheet HTML 20Page - Infineon Technologies AG TLE7183SCD5 Datasheet HTML 21Page - Infineon Technologies AG TLE7183SCD5 Datasheet HTML 22Page - Infineon Technologies AG TLE7183SCD5 Datasheet HTML 23Page - Infineon Technologies AG TLE7183SCD5 Datasheet HTML 24Page - Infineon Technologies AG TLE7183SCD5 Datasheet HTML 25Page - Infineon Technologies AG TLE7183SCD5 Datasheet HTML 26Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 28 page
background image
TLE7183F
Data Sheet
22
2.2, 2016-01-27
5.3.22
Common mode rejection ratio at
DC
CMRR =
20*Log((Vout_diff/Vin_diff) *
(Vin_CM/Vout_CM))
CMRR
80
100
–
db
–
5.3.23
Common mode suppression4) with
CMS = 20*Log(Vout_CM/Vin_CM)
Freq =100kHz
Freq = 1MHz
Freq = 10MHz
CMS
–
62
43
33
–
db
VIN=360mV*
sin(2*
π*freq*t);
Rs=500
Ω;
Rfb=7500
Ω;
VRI=1.65/2.5V
5.3.24
Slew rate
dV/dt
3
10
–
V/µs
Gain>= 5;
RL=1.0kΩ;
CL=500pF
5.3.25
Large signal open loop voltage gain
(DC)
AOL
80
100
–
dB
–
5.3.26
Unity gain bandwidth
GBW
10
20
–
MHz
RL=1kΩ; CL=100pF
5.3.27
Phase margin 2)
Φ
M
–
50
–
°
Gain>= 5;
RL=1kΩ; CL=100pF
5.3.28
Gain margin 2)
AM
–12
–
db
RL=1kΩ; CL=100pF
5.3.29
Bandwidth
BWG
1.6
–
–
MHz
Gain=15;
RL=1kΩ;
CL=500pF;
Rs=500Ω
5.3.30
Output settle time to 98% 1)
t
set
–
1
1.8
µs
Gain=15;
RL=1kΩ;
CL=500pF;
0.3<VO< 4.8V;
Rs=500Ω
5.3.31
Output rise time 10% to 90% 1)
t
Irise
–
–
1
µs
Gain=15;
RL=1kΩ;CL=500pF;
0.3<VO< 4.8V;
Rs=500Ω
5.3.32
Output fall time 90% to 10%1)
t
Ifall
–
–
1
µs
Gain=15;
RL=1kΩ;CL=500pF;
0.3<VO< 4.8V;
Rs=500Ω;
1) Input current and output amplifier characteristics:
"Output signal must be amplified and available at 2µs after input signal change (Gain 5...15)
2) Not subject to production test; specified by design
3) calculated out of 5.3.9, 5.3.10, 5.3.11 and 5.3.12
4) Without considering any offsets such as input offset voltage, internal miss match and assuming no tolerance error in
external resistors.
Electrical Characteristics - Current sense signal conditioning (cont’d)
V
S = 5.5 to 20V, Tj = -40 to +150°C, FPWM < 25kHz, all voltages with respect to ground, positive current flowing into pin
(unless otherwise specified)
Pos.
Parameter
Symbol
Limit Values
Unit
Conditions
Min.
Typ.
Max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com