Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS5181 Datasheet(PDF) 8 Page - Micross Components

Part # AS5181
Description  Low-Current Standby or Full Shutdown Modes
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSS [Micross Components]
Direct Link  http://www.micross.com
Logo MICROSS - Micross Components

AS5181 Datasheet(HTML) 8 Page - Micross Components

Back Button AS5181 Datasheet HTML 4Page - Micross Components AS5181 Datasheet HTML 5Page - Micross Components AS5181 Datasheet HTML 6Page - Micross Components AS5181 Datasheet HTML 7Page - Micross Components AS5181 Datasheet HTML 8Page - Micross Components AS5181 Datasheet HTML 9Page - Micross Components AS5181 Datasheet HTML 10Page - Micross Components AS5181 Datasheet HTML 11Page - Micross Components AS5181 Datasheet HTML 12Page - Micross Components Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
DAC
AS5181
AS5181
Rev. 0.4 01/10
Micross Components reserves the right to change products or specifications without notice.
8
DETAILED DESCRIPTION
The AS5181 is a 10-bit digital-to-analog converters
(DACs) capable of operating with clock speeds up to 40MHz.
Each converter consists of separate input and DAC registers,
followed by a current source array capable of generating up
to 1.5mA full-scale output current (Figure 1). An integrated
1.2V voltage reference and control amplifier determine the
data
converters’ full-scale output currents/voltages. Careful
reference design ensures close gain matching and excellent
drift characteristics.
Internal Reference and Control Amplifier
The AS5181 provide an integrated 50ppm/°C, 1.2V,
low-noise bandgap reference that can be disabled and
overridden by an external reference voltage. REFO serves
either as an external reference input or an integrated reference
output. If REN\ is connected to DGND, the internal reference
is selected and provides a +1.2V output. Due to its limited
10μA output drive capability, REFO must be buffered with an
external amplifier, if heavier loading is required.
The AS5181 also employ a control amplifier designed to
regulate simultaneously the full-scale output current (I
FS) for
both outputs of the devices. The output current is calculated as
follows:
I
FS = 8
.
I
REF
where I
REF is the reference output current (IREF = VREFO/RSET)
and I
FS is the full-scale output current. RSET is the reference
resistor that determines the amplifier’s output current on the
AS5181 (Figure 2). This current is mirrored into the current
source array, where it is equally distributed between matched
current segments and summed to valid output current readings
for the DACs.
FIGURE 1: Functional Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com