Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS5181 Datasheet(PDF) 10 Page - Micross Components

Part # AS5181
Description  Low-Current Standby or Full Shutdown Modes
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSS [Micross Components]
Direct Link  http://www.micross.com
Logo MICROSS - Micross Components

AS5181 Datasheet(HTML) 10 Page - Micross Components

Back Button AS5181 Datasheet HTML 6Page - Micross Components AS5181 Datasheet HTML 7Page - Micross Components AS5181 Datasheet HTML 8Page - Micross Components AS5181 Datasheet HTML 9Page - Micross Components AS5181 Datasheet HTML 10Page - Micross Components AS5181 Datasheet HTML 11Page - Micross Components AS5181 Datasheet HTML 12Page - Micross Components AS5181 Datasheet HTML 13Page - Micross Components AS5181 Datasheet HTML 14Page - Micross Components Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
DAC
AS5181
AS5181
Rev. 0.4 01/10
Micross Components reserves the right to change products or specifications without notice.
10
POWER-DOWN MODE SELECTION
PD
(POWER-DOWN SELECT)
DACEN
(DAC ENABLE)
POWER-DOWN MODE
OUTPUT STATE
0
0
Standby
High-Z
0
1
Wake-Up
Last state prior to standby mode
1
X
Shutdown
High-Z
X = Don’t Care
FIGURE 3: AS5181 with External Reference
APPLICATIONS INFORMATION
Static and Dynamic Performance
Definitions
Integral Nonlinearity
Integral nonlinearity (INL) (Figure 5a) is the deviation
of the values on an actual transfer function from either a best-
straight-line fit (closest approximation to the actual transfer
curve) or a line drawn between the endpoints of the transfer
function once offset and gain errors have been nullified. For a
DAC, the deviations are measured every single step.
Differential Nonlinearity
Differential nonlinearity (DNL) (Figure 5b) is the differ-
ence between an actual step height and the ideal value of 1LSB.
A DNL error specification of less than 1LSB guarantees no
missing codes and a monotonic transfer function.
Offset Error
Offset error (Figure 5c) is the difference between the ideal
and the actual offset point. For a DAC, the offset point is the
step value when the digital input is zero. This error affects all
codes by the same amount and can usually be compensated by
trimming.
Gain Error
Gain error (Figure 5d) is the difference between the ideal
and the actual full-scale output voltage on the transfer curve,
after nullifying the offset error. This error alters the slope of
the transfer function and corresponds to the same percentage
error in each step.
Settling Time
Settling time is the amount of time required from the start
of a transition until the DAC output settles its new output value
to within the converter’s specified accuracy.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com