Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS5181 Datasheet(PDF) 9 Page - Micross Components

Part # AS5181
Description  Low-Current Standby or Full Shutdown Modes
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSS [Micross Components]
Direct Link  http://www.micross.com
Logo MICROSS - Micross Components

AS5181 Datasheet(HTML) 9 Page - Micross Components

Back Button AS5181 Datasheet HTML 5Page - Micross Components AS5181 Datasheet HTML 6Page - Micross Components AS5181 Datasheet HTML 7Page - Micross Components AS5181 Datasheet HTML 8Page - Micross Components AS5181 Datasheet HTML 9Page - Micross Components AS5181 Datasheet HTML 10Page - Micross Components AS5181 Datasheet HTML 11Page - Micross Components AS5181 Datasheet HTML 12Page - Micross Components AS5181 Datasheet HTML 13Page - Micross Components Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
DAC
AS5181
AS5181
Rev. 0.4 01/10
Micross Components reserves the right to change products or specifications without notice.
9
External Reference
To disable the AS5181 internal reference, connect REN\
to DV
DD. A temperature-stable, external reference may now
be applied to drive the REFO pin to set the full-scale output
(Figure 3). Choose a reference capable of supplying at least
150μA to drive the bias circuit that generates the cascode
current for the current array. For improved accuracy and drift
performance, choose a fixed output voltage reference.
Standby Mode
To enter the lower-power standby mode, connect digital
inputs PD and DACEN to DGND. In standby, both the refer-
ence and the control amplifier are active with the current array
inactive. To exit this condition, DACEN must be pulled high
with PD held at DGND. The AS5181 typically require 50μs
to wake up and let both outputs and the reference settle.
Shutdown Mode
For lowest power consumption, the AS5181 provide a
power-down mode in which the reference, control amplifier,
and current array are inactive and the DAC supply current is
reduced to 1μA. To enter this mode, connect PD to DV
DD. To
return to active mode, connect PD to DGND and DACEN to
DV
DD. About 50μs are required for the parts to leave shutdown
mode and settle to their outputs’ values prior to shutdown. The
“Power-Down Mode Selection” table lists the power-down
mode selection.
Timing Information
Figure 4 shows a detailed timing diagram for the AS5181.
With each high transition of the clock, the input latch is loaded
with the digital value set by bits D9 through D0. The content
of the input latch is then shifted to the DAC register, and the
output updates at the rising edge of the next clock.
Outputs
TheAS5181 output is designed to supply full-scale output
currents of 1mA into 400
Ω loads in parallel with a capacitive load
of 5pF.
FIGURE 2: Setting I
FS with the Internal +1.2V Reference and
the Control Amplifier



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com