Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS5181 Datasheet(PDF) 11 Page - Micross Components

Part # AS5181
Description  Low-Current Standby or Full Shutdown Modes
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSS [Micross Components]
Direct Link  http://www.micross.com
Logo MICROSS - Micross Components

AS5181 Datasheet(HTML) 11 Page - Micross Components

Back Button AS5181 Datasheet HTML 7Page - Micross Components AS5181 Datasheet HTML 8Page - Micross Components AS5181 Datasheet HTML 9Page - Micross Components AS5181 Datasheet HTML 10Page - Micross Components AS5181 Datasheet HTML 11Page - Micross Components AS5181 Datasheet HTML 12Page - Micross Components AS5181 Datasheet HTML 13Page - Micross Components AS5181 Datasheet HTML 14Page - Micross Components AS5181 Datasheet HTML 15Page - Micross Components Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
DAC
AS5181
AS5181
Rev. 0.4 01/10
Micross Components reserves the right to change products or specifications without notice.
11
Digital Feedthrough
Digital feedthrough is the noise generated on a DAC’s
output when any digital input transitions. Proper board layout
and grounding will significantly reduce this noise, but there
will always be some feedthrough caused by the DAC itself.
Total Harmonic Distortion
Total harmonic distortion (THD) is the ratio of the RMS sum
of the input signal’s first four harmonics to the fundamental
itself. This is expressed as:
where V1 is the fundamental amplitude, and V2 through V5 are
the amplitudes of the 2nd- through 5th-order harmonics.
Spurious-Free Dynamic Range
Spurious-free dynamic range (SFDR) is the ratio of RMS
amplitude of the fundamental (maximum signal component)
to the RMS value of the next-largest distortion component.
Differential to Single-Ended Conversion
A low-distortion, high-input bandwidth amplifier may be
used to generate a voltage from the array current output of the
AS5181. The differential voltage across OUTP and OUTN
is converted into a single-ended voltage by designing an
appropriate operational amplifier configuration (Figure 6).
I/Q Reconstruction in a QAM Application
The low-distortion performance of two AS5181s
supports analog reconstruction of in-phase (I) and quadrature
(Q) carrier components typically used in quadrature amplitude
modulation (QAM) architectures where two separate buses
carry the I and Q data. A QAM signal is both amplitude (AM)
and phase modulated, created by summing two independently
modulated carriers of identical frequency but different phase
(90° phase difference).
In a typical QAM application (Figure 7), the modulation
occurs in the digital domain, and two DACs such as the AS5181
may be used to reconstruct the analog I and Q components.
The I/Q reconstruction system is completed by a
quadrature modulator that combines the reconstructed
components with in-phase and quadrature carrier frequencies
and then sums both outputs to provide the QAM signal.
FIGURE 4: TIMING DIAGRAM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com