Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LAN8741A Datasheet(PDF) 44 Page - Microchip Technology

Part # LAN8741A
Description  Small Footprint MII/RMII 10/100 Energy Efficient Ethernet Transceiver with HP Auto-MDIX and flexPWR짰 Technology
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN8741A Datasheet(HTML) 44 Page - Microchip Technology

Back Button LAN8741A Datasheet HTML 40Page - Microchip Technology LAN8741A Datasheet HTML 41Page - Microchip Technology LAN8741A Datasheet HTML 42Page - Microchip Technology LAN8741A Datasheet HTML 43Page - Microchip Technology LAN8741A Datasheet HTML 44Page - Microchip Technology LAN8741A Datasheet HTML 45Page - Microchip Technology LAN8741A Datasheet HTML 46Page - Microchip Technology LAN8741A Datasheet HTML 47Page - Microchip Technology LAN8741A Datasheet HTML 48Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 106 page
background image
LAN8741A/LAN8741Ai
DS00001988A-page 44
2013-2015 Microchip Technology Inc.
4.0
REGISTER DESCRIPTIONS
This chapter describes the various Control and Status Registers (CSRs) and MDIO Manageable Device (MMD) Regis-
ters. The CSRs follow the IEEE 802.3 (clause 22.2.4) management register set. The MMD registers adhere to the IEEE
802.3-2008 45.2 MDIO Interface Registers specification. All functionality and bit definitions comply with these stan-
dards. The IEEE 802.3 specified register index (in decimal) is included with each CSR definition, allowing for addressing
of these registers via the Serial Management Interface (SMI) protocol. MMD registers are accessed indirectly via the
MMD Access Control Register and MMD Access Address/Data Register CSRs.
4.1
Register Nomenclature
Table 4-1 describes the register bit attribute notation used throughout this document.
Many of these register bit notations can be combined. Some examples of this are shown below:
• R/W: Can be written. Will return current setting on a read.
• R/WAC: Will return current setting on a read. Writing anything clears the bit.
TABLE 4-1:
REGISTER BIT TYPES
Register Bit Type Notation
Register Bit Description
R
Read: A register or bit with this attribute can be read.
W
Write: A register or bit with this attribute can be written.
RO
Read only: Writes have no effect.
WO
Write only: If a register or bit is write-only, reads will return unspecified data.
WC
Write One to Clear: Writing a one clears the value. Writing a zero has no effect
WAC
Write Anything to Clear: Writing anything clears the value.
RC
Read to Clear: Contents is cleared after the read. Writes have no effect.
LL
Latch Low: Clear on read of register.
LH
Latch High: Clear on read of register.
SC
Self-Clearing: Contents are self-cleared after the being set. Writes of zero have no
effect. Contents can be read.
SS
Self-Setting: Contents are self-setting after being cleared. Writes of one have no
effect. Contents can be read.
RO/LH
Read Only, Latch High: Bits with this attribute will stay high until the bit is read. After it
is read, the bit will either remain high if the high condition remains, or will go low if the
high condition has been removed. If the bit has not been read, the bit will remain high
regardless of a change to the high condition. This mode is used in some Ethernet PHY
registers.
NASR
Not Affected by Software Reset: The state of NASR bits do not change on assertion
of a software reset.
RESERVED
Reserved Field: Reserved fields must be written with zeros to ensure future compati-
bility. The value of reserved bits is not guaranteed on a read.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com