Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LAN8741A Datasheet(PDF) 96 Page - Microchip Technology

Part # LAN8741A
Description  Small Footprint MII/RMII 10/100 Energy Efficient Ethernet Transceiver with HP Auto-MDIX and flexPWR짰 Technology
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN8741A Datasheet(HTML) 96 Page - Microchip Technology

Back Button LAN8741A Datasheet HTML 92Page - Microchip Technology LAN8741A Datasheet HTML 93Page - Microchip Technology LAN8741A Datasheet HTML 94Page - Microchip Technology LAN8741A Datasheet HTML 95Page - Microchip Technology LAN8741A Datasheet HTML 96Page - Microchip Technology LAN8741A Datasheet HTML 97Page - Microchip Technology LAN8741A Datasheet HTML 98Page - Microchip Technology LAN8741A Datasheet HTML 99Page - Microchip Technology LAN8741A Datasheet HTML 100Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 106 page
background image
LAN8741A/LAN8741Ai
DS00001988A-page 96
 2013-2015 Microchip Technology Inc.
Note 1: The maximum allowable values for frequency tolerance and frequency stability are application dependent.
Since any particular application must meet the IEEE ±50 ppm Total PPM Budget, the combination of these
two values must be approximately ±45 ppm (allowing for aging).
2: Frequency Deviation Over Time is also referred to as Aging.
3: The total deviation for the Transmitter Clock Frequency is specified by IEEE 802.3u as
±50 ppm.
4: The crystal must support 100 µW operation to utilize this circuit.
5: 0°C for commercial version, -40°C for industrial version
6: +70°C for commercial version, +85°C for industrial version
7: This number includes the pad, the bond wire and the lead frame. PCB capacitance is not included in this
value. The XTAL1/CLKIN pin, XTAL2 pin and PCB capacitance values are required to accurately calculate
the value of the two external load capacitors (C1 and C2 in Figure 5-9). The external load capacitors, C1 and
C2, determine the accuracy of the 25.000 MHz frequency.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com