Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LAN8741A Datasheet(PDF) 47 Page - Microchip Technology

Part # LAN8741A
Description  Small Footprint MII/RMII 10/100 Energy Efficient Ethernet Transceiver with HP Auto-MDIX and flexPWR짰 Technology
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN8741A Datasheet(HTML) 47 Page - Microchip Technology

Back Button LAN8741A Datasheet HTML 43Page - Microchip Technology LAN8741A Datasheet HTML 44Page - Microchip Technology LAN8741A Datasheet HTML 45Page - Microchip Technology LAN8741A Datasheet HTML 46Page - Microchip Technology LAN8741A Datasheet HTML 47Page - Microchip Technology LAN8741A Datasheet HTML 48Page - Microchip Technology LAN8741A Datasheet HTML 49Page - Microchip Technology LAN8741A Datasheet HTML 50Page - Microchip Technology LAN8741A Datasheet HTML 51Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 106 page
background image
2013-2015 Microchip Technology Inc.
DS00001988A-page 47
LAN8741A/LAN8741Ai
4.2.2
BASIC STATUS REGISTER
Index (In Decimal):
1
Size:
16 bits
Bits
Description
Type
Default
15
100BASE-T4
0 = No T4 ability
1 = T4 able
RO
0b
14
100BASE-TX Full Duplex
0 = No TX full duplex ability
1 = TX with full duplex
RO
1b
13
100BASE-TX Half Duplex
0 = No TX half duplex ability
1 = TX with half duplex
RO
1b
12
10BASE-T Full Duplex
0 = No 10 Mbps with full duplex ability
1 = 10 Mbps with full duplex
RO
1b
11
10BASE-T Half Duplex
0 = No 10 Mbps with half duplex ability
1 = 10 Mbps with half duplex
RO
1b
10
100BASE-T2 Full Duplex
0 = PHY is not able to perform full duplex 100BASE-T2
1 = PHY is able to perform full duplex 100BASE-T2
RO
0b
9
100BASE-T2 Half Duplex
0 = PHY is not able to perform half duplex 100BASE-T2
1 = PHY is able to perform half duplex 100BASE-T2
RO
0b
8
Extended Status
0 = No extended status information in register 15
1 = Extended status information in register 15
RO
0b
7:6
RESERVED
RO
-
5
Auto-Negotiate Complete
0 = Auto-negotiate process not completed
1 = Auto-negotiate process completed
RO
0b
4
Remote Fault
1 = Remote fault condition detected
0 = No remote fault
RO/LH
0b
3
Auto-Negotiate Ability
0 = Unable to perform auto-negotiation function
1 = Able to perform auto-negotiation function
RO
1b
2
Link Status
0 = Link is down.
1 = Link is up.
RO/LL
0b
1
Jabber Detect
0 = No jabber condition detected.
1 = Jabber condition detected.
RO/LH
0b
0
Extended Capabilities
0 = Does not support extended capabilities registers
1 = Supports extended capabilities registers
RO
1b



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com