Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LAN8741A Datasheet(PDF) 12 Page - Microchip Technology

Part # LAN8741A
Description  Small Footprint MII/RMII 10/100 Energy Efficient Ethernet Transceiver with HP Auto-MDIX and flexPWR짰 Technology
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN8741A Datasheet(HTML) 12 Page - Microchip Technology

Back Button LAN8741A Datasheet HTML 8Page - Microchip Technology LAN8741A Datasheet HTML 9Page - Microchip Technology LAN8741A Datasheet HTML 10Page - Microchip Technology LAN8741A Datasheet HTML 11Page - Microchip Technology LAN8741A Datasheet HTML 12Page - Microchip Technology LAN8741A Datasheet HTML 13Page - Microchip Technology LAN8741A Datasheet HTML 14Page - Microchip Technology LAN8741A Datasheet HTML 15Page - Microchip Technology LAN8741A Datasheet HTML 16Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 106 page
background image
LAN8741A/LAN8741Ai
DS00001988A-page 12
2013-2015 Microchip Technology Inc.
TABLE 2-6:
ANALOG REFERENCE PINS
Num Pins
Name
Symbol
Buffer Type
Description
1
External 1%
Bias Resistor
Input
RBIAS
AI
This pin requires connection of a 12.1 kΩ (1%)
resistor to ground.
Refer to the LAN8741A/LAN8741Ai reference
schematic for connection information.
Note:
The nominal voltage is 1.2 V and the
resistor will dissipate approximately
1 mW of power.
TABLE 2-7:
POWER PINS
Num Pins
Name
Symbol
Buffer Type
Description
1
+1.8 V to +3.3 V
Variable I/O
Power
VDDIO
P
+1.8 V to +3.3 V variable I/O power.
Refer to the LAN8741A/LAN8741Ai reference
schematic for connection information.
1
+1.2 V Digital
Core Power
Supply
VDDCR
P
Supplied by the on-chip regulator unless config-
ured for regulator off mode via the REGOFF con-
figuration strap.
Refer to the LAN8741A/LAN8741Ai reference
schematic for connection information.
Note:
1 µF and 470 pF decoupling capaci-
tors in parallel to ground should be
used on this pin.
1
+3.3 V Channel
1 Analog Port
Power
VDD1A
P
+3.3 V Analog Port Power to Channel 1.
Refer to the LAN8741A/LAN8741Ai reference
schematic for connection information.
1
+3.3 V Channel
2 Analog Port
Power
VDD2A
P
+3.3 V Analog Port Power to Channel 2 and the
internal regulator.
Refer to the LAN8741A/LAN8741Ai reference
schematic for connection information.
1
Ground
VSS
P
Common ground. This exposed pad must be con-
nected to the ground plane with a via array.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com