Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LAN8741A Datasheet(PDF) 59 Page - Microchip Technology

Part # LAN8741A
Description  Small Footprint MII/RMII 10/100 Energy Efficient Ethernet Transceiver with HP Auto-MDIX and flexPWR짰 Technology
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN8741A Datasheet(HTML) 59 Page - Microchip Technology

Back Button LAN8741A Datasheet HTML 55Page - Microchip Technology LAN8741A Datasheet HTML 56Page - Microchip Technology LAN8741A Datasheet HTML 57Page - Microchip Technology LAN8741A Datasheet HTML 58Page - Microchip Technology LAN8741A Datasheet HTML 59Page - Microchip Technology LAN8741A Datasheet HTML 60Page - Microchip Technology LAN8741A Datasheet HTML 61Page - Microchip Technology LAN8741A Datasheet HTML 62Page - Microchip Technology LAN8741A Datasheet HTML 63Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 106 page
background image
2013-2015 Microchip Technology Inc.
DS00001988A-page 59
LAN8741A/LAN8741Ai
4.2.14
SPECIAL MODES REGISTER
Note 1: The default value of this field is determined by the RMIISEL configuration strap. Refer to Section 3.7.3,
"RMIISEL: MII/RMII Mode Configuration" for additional information.
2: The default value of this field is determined by the MODE[2:0] configuration straps. Refer to Section 3.7.2,
"MODE[2:0]: Mode Configuration" for additional information.
3: The default value of this field is determined by the PHYAD[0] configuration strap. Refer to Section 3.7.1,
"PHYAD[2:0]: PHY Address Configuration" for additional information.
Index (In Decimal):
18
Size:
16 bits
Bits
Description
Type
Default
15
RESERVED
RO
-
14
MIIMODE
Reflects the mode of the digital interface:
0 = MII mode
1 = RMII mode
RO
(see Note 1)
13:8
RESERVED
RO
-
7:5
MODE
Transceiver mode of operation. Refer to Section 3.7.2, "MODE[2:0]: Mode
Configuration" for additional details.
R/W
NASR
(see Note 2)
4:0
PHYAD
PHY Address. The PHY Address is used for the SMI address and for initializa-
tion of the Cipher (Scrambler) key. Refer to Section 3.7.1, "PHYAD[2:0]: PHY
Address Configuration" for additional details.
R/W
NASR
(see Note 3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com