Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LELBMA-CQ Datasheet(PDF) 1 Page - OSRAM GmbH

Part # LELBMA-CQ
Description  Compact lightsource in SMT technology
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LELBMA-CQ Datasheet(HTML) 1 Page - OSRAM GmbH

  LELBMA-CQ Datasheet HTML 1Page - OSRAM GmbH LELBMA-CQ Datasheet HTML 2Page - OSRAM GmbH LELBMA-CQ Datasheet HTML 3Page - OSRAM GmbH LELBMA-CQ Datasheet HTML 4Page - OSRAM GmbH LELBMA-CQ Datasheet HTML 5Page - OSRAM GmbH LELBMA-CQ Datasheet HTML 6Page - OSRAM GmbH LELBMA-CQ Datasheet HTML 7Page - OSRAM GmbH LELBMA-CQ Datasheet HTML 8Page - OSRAM GmbH LELBMA-CQ Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
LE RTDUW S2W
OSRAM OSTAR Stage
Datasheet
Version 2.0
2014-09-10
1
Compact lightsource in SMT technology, glass
window on top, RoHS compliant
Features
• Package: compact lightsource in SMT
technology with glass window on top
• Technology: ThinGaN; InGaAlP
• Color: red (625 nm); true green (527 nm);
deep blue (453 nm); white (x = 0.31, y = 0.32
acc. to CIE 1931)
• ESD-withstand voltage: up to 2 kV acc. to
JESD22-A114-F
• Viewing angle at 50% I
V: 120°
Applications
• Stage lighting
• Mood lighting
• Architectural lighting (effect- and accent
lighting)
Kompakte Lichtquelle in SMT Technologie,
Abdeckung mit Glasfenster, RoHS konform
Besondere Merkmale
• Gehäusetyp: Kompakte Lichtquelle in SMT
Technologie mit Glasabdeckung
• Technologie: ThinGaN; InGaAlP
• Farbe: red (625 nm); true green (527 nm);
deep blue (453 nm); weiß (x = 0.31, y = 0.32
nach CIE 1931)
• ESD-Festigkeit: ESD-sicher bis 2 kV nach
JESD22-A114-F
• Abstrahlwinkel bei 50% I
V: 120°
Anwendungen
• Bühnenbeleuchtung
• Stimmungslicht
• Gebäudebeleuchtung (Effekt- und
Akzentbeleuchtung


Similar Part No. - LELBMA-CQ

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LELBMB-34 OSRAM-LELBMB-34 Datasheet
2Mb / 25P
Compact lightsource in SMT technology
More results

Similar Description - LELBMA-CQ

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LERTDUWS2WNKBLA-1 OSRAM-LERTDUWS2WNKBLA-1 Datasheet
2Mb / 25P
Compact lightsource in SMT technology
LERTDUWS2WPKBMA-1 OSRAM-LERTDUWS2WPKBMA-1 Datasheet
1Mb / 24P
Compact lightsource in SMT technology
LEUWQ9WP OSRAM-LEUWQ9WP Datasheet
861Kb / 22P
compact lightsource in SMT technology with glass window on top
LE-A-Q7WP OSRAM-LE-A-Q7WP Datasheet
863Kb / 21P
compact lightsource in SMT technology with glass window on top
LE-ATB-N7WM OSRAM-LE-ATB-N7WM Datasheet
845Kb / 21P
compact lightsource in SMT technology with glass window on top
LE-BA-Q6WM OSRAM-LE-BA-Q6WM Datasheet
754Kb / 18P
compact lightsource in SMT
LE-B-Q8WP OSRAM-LE-B-Q8WP Datasheet
859Kb / 23P
compact lightsource in SMT technology
LE-B-Q9WN OSRAM-LE-B-Q9WN Datasheet
745Kb / 22P
compact lightsource in SMT technology with glass window on top
LE-BR-Q7WM OSRAM-LE-BR-Q7WM Datasheet
719Kb / 18P
compact lightsource in SMT
LE-CW-S2LN OSRAM-LE-CW-S2LN Datasheet
531Kb / 22P
compact lightsource in multi chip SMT technology with silicone lens
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com