Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LELBMA-CQ Datasheet(PDF) 20 Page - OSRAM GmbH

Part # LELBMA-CQ
Description  Compact lightsource in SMT technology
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LELBMA-CQ Datasheet(HTML) 20 Page - OSRAM GmbH

Back Button LELBMA-CQ Datasheet HTML 15Page - OSRAM GmbH LELBMA-CQ Datasheet HTML 16Page - OSRAM GmbH LELBMA-CQ Datasheet HTML 17Page - OSRAM GmbH LELBMA-CQ Datasheet HTML 18Page - OSRAM GmbH LELBMA-CQ Datasheet HTML 19Page - OSRAM GmbH LELBMA-CQ Datasheet HTML 20Page - OSRAM GmbH LELBMA-CQ Datasheet HTML 21Page - OSRAM GmbH LELBMA-CQ Datasheet HTML 22Page - OSRAM GmbH LELBMA-CQ Datasheet HTML 23Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 20 / 23 page
background image
2014-09-10
20
Version 2.0
LE RTDUW S2W
Barcode-Produkt-Etikett (BPL)
Barcode-Product-Label (BPL)
Gurtverpackung
Tape and Reel
Tape dimensions in mm (inch)
W
P0
P1
P2
D0
E
F
4
± 0.1
(0.157
± 0.004)
12
± 0.1
(0.472
± 0.004)
2
± 0.1
(0.079
± 0.004)
1.5
+ 0.1
(0.059
+ 0.004)
1.75
± 0.1
(0.069
± 0.004)
7.5
± 0.1
(0.295
± 0.004)
Reel dimensions in mm (inch)
A
W
N
min
W
1
W
2 max
180 (7)
12 (0.472)
60 (2.362)
12.4
+ 2 (0.488 + 0.079)
18.4 (0.724)
OHA04563
(G) GROUP:
1234567890
(1T) LOT NO:
(9D) D/C:
1234
(X) PROD NO:
123456789
(6P) BATCH NO:
1234567890
LX XXXX
RoHS Compliant
BIN1: XX-XX-X-XXX-X
ML
X
Temp
ST
XXX °C X
Pack: RXX
DEMY
XXX
X_X123_1234.1234 X
9999
(Q)QTY:
Semiconductors
OSRAM Opto
XX-XX-X-X
EXAMPLE
X_X123_1234.1234 X
X_X123_1234.1234 X
EXAMPLE
EXAMPLE
EXAMPLE
XXX
X_X123_1234.1234 X
XX-XX-X-X
EXAMPLE
EXAMPLE
EXAMPLE
EXAMPLE
EXAMPLE
EXAMPLE
EXAMPLE
XXX
XXX
X_X123_1234.1234 X
X_X123_1234.1234 X
XX-XX-X-X
XX-XX-X-X
EXAMPLE
Pack: RXX
XXX
X_X123_1234.1234 X
XX-XX-X-X
EXAMPLE
Pack: RXX
Pack: RXX
DEMY
DEMY
EXAMPLE
1234
EXAMPLE
EXAMPLE
EXAMPLE
EXAMPLE
EXAMPLE
EXAMPLE
EXAMPLE
EXAMPLE
EXAMPLE
(9D) D/C:
(9D) D/C:
1234
1234
EXAMPLE
EXAMPLE
EXAMPLE
EXAMPLE
EXAMPLE
1234
EXAMPLE
Pack: RXX
DEMY
EXAMPLE
EXAMPLE
EXAMPLE
EXAMPLE
EXAMPLE
(9D) D/C:
EXAMPLE
EXAMPLE
EXAMPLE
EXAMPLE
(9D) D/C:
1234
EXAMPLE
EXAMPLE
EXAMPLE
EXAMPLE
(9D) D/C:
EXAMPLE
EXAMPLE
EXAMPLE
EXAMPLE
EXAMPLE
EXAMPLE
EXAMPLE
EXAMPLE
EXAMPLE
EXAMPLE
EXAMPLE
EXAMPLE
EXAMPLE
EXAMPLE
EXAMPLE
EXAMPLE
EXAMPLE
EXAMPLE
EXAMPLE
EXAMPLE
EXAMPLE
1234567890
1234567890
EXAMPLE
EXAMPLE
EXAMPLE
EXAMPLE
EXAMPLE
EXAMPLE
EXAMPLE
EXAMPLE
EXAMPLE
EXAMPLE
EXAMPLE
EXAMPLE
EXAMPLE
EXAMPLE
EXAMPLE
EXAMPLE
EXAMPLE
EXAMPLE
EXAMPLE
EXAMPLE
EXAMPLE
EXAMPLE
(6P) BATCH NO:
1234567890
Semiconductors
EXAMPLE
EXAMPLE
EXAMPLE
EXAMPLE
EXAMPLE
EXAMPLE
EXAMPLE
EXAMPLE
EXAMPLE
(6P) BATCH NO:
(6P) BATCH NO:
1234567890
1234567890
EXAMPLE
Semiconductors
Semiconductors
OSRAM Opto
OSRAM Opto
EXAMPLE
EXAMPLE
1234567890
X_X123_1234.1234 X
Pack: RXX
DEMY
X_X123_1234.1234 X
(9D) D/C:
1234
(9D) D/C:
1234567890
(6P) BATCH NO:
1234567890
OSRAM Opto
XXX
X_X123_1234.1234 X
XX-XX-X-X
Pack: RXX
DEMY
Semiconductors
D0
2
P
P0
1
P
Direction of unreeling
W1
2
W
OHAY0324
Label
Leader:
Trailer:
Direction of unreeling
min. 160 mm *
min. 400 mm *
*) Dimensions acc. to IEC 60286-3; EIA 481-D
12+ 0.3
– 0.1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com