Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LELBMA-CQ Datasheet(PDF) 6 Page - OSRAM GmbH

Part # LELBMA-CQ
Description  Compact lightsource in SMT technology
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LELBMA-CQ Datasheet(HTML) 6 Page - OSRAM GmbH

Back Button LELBMA-CQ Datasheet HTML 2Page - OSRAM GmbH LELBMA-CQ Datasheet HTML 3Page - OSRAM GmbH LELBMA-CQ Datasheet HTML 4Page - OSRAM GmbH LELBMA-CQ Datasheet HTML 5Page - OSRAM GmbH LELBMA-CQ Datasheet HTML 6Page - OSRAM GmbH LELBMA-CQ Datasheet HTML 7Page - OSRAM GmbH LELBMA-CQ Datasheet HTML 8Page - OSRAM GmbH LELBMA-CQ Datasheet HTML 9Page - OSRAM GmbH LELBMA-CQ Datasheet HTML 10Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
2014-09-10
6
Version 2.0
LE RTDUW S2W
Farbortgruppen
3) Seite 23
Chromaticity coordinate groups
3) page 23 ; ultra white
Gruppe
Group
Cx
Cy
CQ
0.3190
0.3507
0.3267
0.3370
0.3107
0.3043
0.3020
0.3178
Gruppenbezeichnung auf Etikett
Group Name on Label
Beispiel: JB-1+LA-3+4U-3+LB-CQ
Example: JB-1+LA-3+4U-3+LB-CQ
Emissionsfarbe
Color of Emission
Helligkeitsgruppe
Brightness Group
Wellenlänge
Wavelength
Farbort
color coordinate
red
JB
1
true green
LA
3
deep blue
4U
3
ultra white
LB
CQ
Anm.:
In einer Verpackungseinheit ist immer nur eine Gruppe für jede Selektion enthalten.
Note:
No packing unit ever contains more than one group for each selection.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com