Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LELBMA-CQ Datasheet(PDF) 5 Page - OSRAM GmbH

Part # LELBMA-CQ
Description  Compact lightsource in SMT technology
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LELBMA-CQ Datasheet(HTML) 5 Page - OSRAM GmbH

  LELBMA-CQ Datasheet HTML 1Page - OSRAM GmbH LELBMA-CQ Datasheet HTML 2Page - OSRAM GmbH LELBMA-CQ Datasheet HTML 3Page - OSRAM GmbH LELBMA-CQ Datasheet HTML 4Page - OSRAM GmbH LELBMA-CQ Datasheet HTML 5Page - OSRAM GmbH LELBMA-CQ Datasheet HTML 6Page - OSRAM GmbH LELBMA-CQ Datasheet HTML 7Page - OSRAM GmbH LELBMA-CQ Datasheet HTML 8Page - OSRAM GmbH LELBMA-CQ Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
Version 2.0
LE RTDUW S2W
2014-09-10
5
Helligkeits-Gruppierungsschema
Brightness Groups
Emissionsfarbe
Color of Emission
Helligkeitsgruppe
Brightness Group
Lichtstrom
2) Seite 23
Luminous Flux
2) page 23
Φ
V (lm)
Lichtstrom
2) Seite 23
Luminous Flux
2) page 23
Φ
E (mW)
red
JA
JB
KA
KB
45 ...
56
56 ...
71
71 ...
90
90 ...
112
true green
KB
LA
LB
90 ...
112
112 ...
140
140 ...
180
deep blue
4U
1V
2V
630 ...
710
710 ...
800
800 ...
900
ultra white
LB
MA
140 ...
180
180 ...
224
Anm.:
Die Standardlieferform von Serientypen beinhaltet eine Familiengruppe. Diese besteht aus wenigen Helligkeitsgruppen.
Einzelne Helligkeitsgruppen sind nicht bestellbar.
Note:
The standard shipping format for serial types includes a family group of only a few individual brightness groups. Individual
brightness groups cannot be ordered.
Wellenlängengruppen (Dominantwellenlänge)
3) Seite 23
Wavelength Groups (Dominant Wavelength)
3) page 23
Gruppe
Group
true green
deep blue
Einheit
Unit
min.
max.
min.
max.
3
521
527
449
453
nm
4
527
533
453
457
nm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com