Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC1111G-AG6-R Datasheet(PDF) 2 Page - Unisonic Technologies

Part # LC1111G-AG6-R
Description  Programmable soft-start
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

LC1111G-AG6-R Datasheet(HTML) 2 Page - Unisonic Technologies

  LC1111G-AG6-R Datasheet HTML 1Page - Unisonic Technologies LC1111G-AG6-R Datasheet HTML 2Page - Unisonic Technologies LC1111G-AG6-R Datasheet HTML 3Page - Unisonic Technologies LC1111G-AG6-R Datasheet HTML 4Page - Unisonic Technologies LC1111G-AG6-R Datasheet HTML 5Page - Unisonic Technologies LC1111G-AG6-R Datasheet HTML 6Page - Unisonic Technologies LC1111G-AG6-R Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
LC1111
Advance
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
2 of 7
www.unisonic.com.tw
QW-R102-072.a
MARKING
PIN CONFIGURATION
PIN DESCRIPTION
PIN NO.
PIN NAME
DESCRIPTION
1
EN
Enable control pin. Pulling the EN high (VEN>1.6) enables the VOUT; forcing the EN
low (VEN<0.4V disables the VOUT. When re-enabled, the IC undergoes a new
soft-start process. The EN pin is pulled high internally, hence it can be left open if the
EN control is not used.
2
GND
Ground pin of the circuitry. All voltage levels are measured with respect to this pin.
3
FB
Voltage Feedback Pin. Connecting this pin to an external resistor divider receives the
feedback voltage of the regulator.
4
SS
Connect this pin to a capacitor for soft-start.
5
DRV
This pin drives the gate of an external N-channel MOSFET for linear regulator.
6
VCC
Power input pin of the device. The voltage at this pin is monitored for
Power-On-Reset purpose.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com