Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC1111G-AG6-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # LC1111G-AG6-R
Description  Programmable soft-start
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

LC1111G-AG6-R Datasheet(HTML) 1 Page - Unisonic Technologies

  LC1111G-AG6-R Datasheet HTML 1Page - Unisonic Technologies LC1111G-AG6-R Datasheet HTML 2Page - Unisonic Technologies LC1111G-AG6-R Datasheet HTML 3Page - Unisonic Technologies LC1111G-AG6-R Datasheet HTML 4Page - Unisonic Technologies LC1111G-AG6-R Datasheet HTML 5Page - Unisonic Technologies LC1111G-AG6-R Datasheet HTML 6Page - Unisonic Technologies LC1111G-AG6-R Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
UNISONIC TECHNOLOGIES CO., LTD
LC1111
Advance
LINEAR INTEGRATED CIRCUIT
www.unisonic.com.tw
1 of 7
Copyright © 2015 Unisonic Technologies Co., Ltd
QW-R102-072.a
LOW DROPOUT LINEAR
REGULATOR CONTROLLER
DESCRIPTION
The UTC LC1111 is a low dropout linear regulator controller for
applications requiring high-current and ultra low dropout voltages.
The use of an external N-Channel MOSFET and provide an
adjustable output by using an external resistive divider.
An extremely accurate 0.8V (±2%) reference allows the
implementation of sub 1 V voltage supplies. The reference is
guaranteed over the complete supply and temperature ranges.
The UTC LC1111 integrates various functions. For example, a
Power-On-Reset (POR) circuit monitors VCC supply voltage to
prevent wrong operations; the function of Under-Voltage
Protection (UVP) protects the device from short circuit condition.
The soft-start of output voltage is adjustable by the external
capacitor on SS pin. Moreover, the UTC LC1111 can be enabled
by other power system; namely, holding the EN above 1.6V
enables output and pulling the EN under 0.4 disables output.
FEATURES
* 4.5V~13.5V supply voltage range
* 0.8V (±2%) voltage reference (temperature and process)
* Power-On-Reset monitoring on VCC
* Fast transient response
* Programmable soft-start
* Enable control function
* Low shutdown current
* Under-Voltage protection
* Two versions of IC available: UVP activated after VOUT is ready
SOT-26
4
5
3
2
1
6
ORDERING INFORMATION
Ordering Number
Package
Packing
LC1111G-AG6-R
SOT-26
Tape Reel


Similar Part No. - LC1111G-AG6-R

ManufacturerPart #DatasheetDescription
logo
Seoul Semiconductor
LC111 SEOUL-LC111 Datasheet
376Kb / 14P
INFRARED LAMP LED
LC111 SEOUL-LC111 Datasheet
360Kb / 13P
CYAN LAMP LED
LC111 SEOUL-LC111 Datasheet
392Kb / 14P
RED OVAL LAMP LED
LC111 SEOUL-LC111 Datasheet
392Kb / 14P
RED OVAL LAMP LED
LC111 SEOUL-LC111 Datasheet
378Kb / 14P
RED LAMP LED
More results

Similar Description - LC1111G-AG6-R

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS74801 TI-TPS74801 Datasheet
369Kb / 19P
1.5A LDO Linear Regulator with Programmable Soft-Start
TPS74201 TI-TPS74201 Datasheet
978Kb / 26P
1.5A Ultra-LDO with Programmable Soft-Start
TPS74401-EP TI1-TPS74401-EP Datasheet
797Kb / 26P
3.0-A ULTRA-LDO WITH PROGRAMMABLE SOFT-START
TPS74401KTWTG3 TI-TPS74401KTWTG3 Datasheet
1Mb / 29P
3.0A Ultra-LDO with Programmable Soft-Start
TPS74201 TI-TPS74201_15 Datasheet
953Kb / 28P
1.5A Ultra-LDO with Programmable Soft-Start
TPS74201 TI1-TPS74201 Datasheet
1Mb / 34P
Ultra-LDO With Programmable Soft-Start
TPS74401 TI1-TPS74401_16 Datasheet
1Mb / 40P
3.0-A, Ultra-LDO with Programmable Soft-Start
logo
Unisonic Technologies
L1803G-SH2-R UTC-L1803G-SH2-R Datasheet
217Kb / 6P
Programmable soft-start provides linear voltage startup
logo
Union Semiconductor, In...
UM5482S8 UNIONSEMI-UM5482S8 Datasheet
227Kb / 6P
Programmable Soft-Start
logo
Unisonic Technologies
P1482AG-SH2-R UTC-P1482AG-SH2-R Datasheet
239Kb / 5P
Programmable Soft-Start
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com