Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC1111G-AG6-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # LC1111G-AG6-R
Description  Programmable soft-start
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

LC1111G-AG6-R Datasheet(HTML) 3 Page - Unisonic Technologies

  LC1111G-AG6-R Datasheet HTML 1Page - Unisonic Technologies LC1111G-AG6-R Datasheet HTML 2Page - Unisonic Technologies LC1111G-AG6-R Datasheet HTML 3Page - Unisonic Technologies LC1111G-AG6-R Datasheet HTML 4Page - Unisonic Technologies LC1111G-AG6-R Datasheet HTML 5Page - Unisonic Technologies LC1111G-AG6-R Datasheet HTML 6Page - Unisonic Technologies LC1111G-AG6-R Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
LC1111
Advance
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
3 of 7
www.unisonic.com.tw
QW-R102-072.a
BLOCK DIAGRAM
VCC
EN
SS
Power-On
Reset
Internal
Regulator
VP
VP
5µA
Enable
+
-
0.8V
VP
4.5µA
Control
Logic
UV
Enable_EA
DRV
FB
GND
+
+
-
0.8V
Error
Amplifier
-
+
70%VREF
UVP
Comparator



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com