Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC1111G-AG6-R Datasheet(PDF) 5 Page - Unisonic Technologies

Part # LC1111G-AG6-R
Description  Programmable soft-start
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

LC1111G-AG6-R Datasheet(HTML) 5 Page - Unisonic Technologies

  LC1111G-AG6-R Datasheet HTML 1Page - Unisonic Technologies LC1111G-AG6-R Datasheet HTML 2Page - Unisonic Technologies LC1111G-AG6-R Datasheet HTML 3Page - Unisonic Technologies LC1111G-AG6-R Datasheet HTML 4Page - Unisonic Technologies LC1111G-AG6-R Datasheet HTML 5Page - Unisonic Technologies LC1111G-AG6-R Datasheet HTML 6Page - Unisonic Technologies LC1111G-AG6-R Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
LC1111
Advance
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
5 of 7
www.unisonic.com.tw
QW-R102-072.a
ELECTRICAL CHARACTERISTICS
Unless otherwise specified, these specifications apply over VCC=5/12V, TA=-40~85°C. Typical values are at
TA=25°C.
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SUPPLY CURRENT
VCC=12V
0.8
1.0
mA
VCC Supply Current
ICC
VCC=5V
0.8
1.0
mA
VCC=12V, EN=GND
5
µA
VCC Shutdown Current
ISD
VCC=5V, EN=GND
5
µA
POWER-ON-RESET (POR)
VCC POR Threshold
VCC Risig
3.8
4.0
4.2
V
VCC POR Hysteresis
0.4
V
REFERENCE VOLTAGE
Reference Voltage
VREF
VCC=12V, TA=25°C
0.8
V
Reference Voltage Accuracy
VCC=12V
-1
1
%
Line Regulation
VCC=4.5V~13.2V
-1.5
1.5
%
FB Input Current
-100
100
nA
ERROR AMPLIFIER
Unity Gain Bandwidth
VCC=5/12V
2
MHz
Open Loop DC Gain
VCC=12V, No Load
60
80
dB
Power Supply Rejection Ratio
PSRR VCC=12V, 100Hz, No Load
50
dB
VCC=12V, IDRV (SOURCE)=5mA, VFB=0.6V
11.2
11.5
V
DRV High Voltage
VDRV (high)
VCC=5V, IDRV (SOURCE)=5mA, VFB=0.6V
4.7
V
VCC=12V, IDRV (SINK)=5mA, VFB=1V
0.5
1
V
DRV Low Voltage
VDRV (low)
VCC=5V, IDRV (SINK)=5mA, VFB=1V
0.8
V
VCC=12V, VDRV=6V, VFB=0.6V
50
mA
DRV Source Current
IDRV (source)
VCC=5V, VDRV=2.5V, VFB=0.6V
10
mA
VCC=12V, VDRV=6V, VFB=1V
40
mA
DRV Sink Current
IDRV (sink)
VCC=5V, VDRV=2.5V, VFB=1V
10
mA
ENABLE
EN Logic High Threshold
Voltage
VEN (TH) VEN Rising
0.55
0.8
1.05
V
EN Hysteresis
50
mV
EN Shutdown Debounce
VEN Falling
2
µs
EN Internal Pull High Current
5
µA
SOFT-START
SS Current
ISS
4.5
µA
UNDER-VOLTAGE PROTECTION (UVP)
Under-Voltage Threshold
VUV (TH) VEN=5V, VFB Falling
68
75
82
%
UVP Debounce Interval
5
µs



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com