Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC1111G-AG6-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # LC1111G-AG6-R
Description  Programmable soft-start
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

LC1111G-AG6-R Datasheet(HTML) 4 Page - Unisonic Technologies

  LC1111G-AG6-R Datasheet HTML 1Page - Unisonic Technologies LC1111G-AG6-R Datasheet HTML 2Page - Unisonic Technologies LC1111G-AG6-R Datasheet HTML 3Page - Unisonic Technologies LC1111G-AG6-R Datasheet HTML 4Page - Unisonic Technologies LC1111G-AG6-R Datasheet HTML 5Page - Unisonic Technologies LC1111G-AG6-R Datasheet HTML 6Page - Unisonic Technologies LC1111G-AG6-R Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
LC1111
Advance
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
4 of 7
www.unisonic.com.tw
QW-R102-072.a
ABSOLUTE MAXIMUM RATING
PARAMETER
SYMBOL
RATINGS
UNIT
VCC Input Voltage (VCC to GND)
VCC
-0.3~16
V
EN, SS, to GND Voltage
-0.3~7
V
FB to GND Voltage
VFB
-0.3~7
V
DRV to GND Voltage
VDRV
-0.3~VCC+0.3
V
Junction Temperature
TJ
150
°C
Storage Temperature
TSTG
-65~150
°C
Maximum Lead Soldering Temperature, 10 Seconds
TSDR
260
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
THERMAL CHARACTERISTIC
PARAMETER
SYMBOL
TYPICAL VALUE
UNIT
Junction-to-Ambient Resistance in Free Air (Note 1)
θJA
250
°C/W
RECOMMENDED OPERATING CONDITIONS (Note 2)
PARAMETER
SYMBOL
RATINGS
UNIT
VCC Input Voltage (VCC to GND)
VCC
4.5~13.5
V
EN to GND Voltage
VEN
0~5.5
V
VOUT Output Voltage (Note 3)
VOUT
0.8~VIN-VDROP
V
Ambient Temperature
TA
-40~85
°C
Junction Temperature
TJ
-40~125
°C
Notes: 1. θJA is measured with the component mounted on a high effective thermal conductivity test board in free air.
2. Refer to the typical application circuit.
3. VDROP defined as the VIN -VOUT voltage at VOUT=98% normal VOUT. The linear regulator must provide the
output MOSFET with sufficient Gate-to-Source voltage (VGS=VCC-VOUT) to regulate the output voltage.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com