Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ML-C Datasheet(PDF) 11 Page - Cree, Inc

Part # ML-C
Description  XLamp LEDs
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

ML-C Datasheet(HTML) 11 Page - Cree, Inc

Back Button ML-C Datasheet HTML 7Page - Cree, Inc ML-C Datasheet HTML 8Page - Cree, Inc ML-C Datasheet HTML 9Page - Cree, Inc ML-C Datasheet HTML 10Page - Cree, Inc ML-C Datasheet HTML 11Page - Cree, Inc ML-C Datasheet HTML 12Page - Cree, Inc ML-C Datasheet HTML 13Page - Cree, Inc ML-C Datasheet HTML 14Page - Cree, Inc ML-C Datasheet HTML 15Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
11
11
Copyright © 2011-2016 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree® and XLamp® are registered trademarks and the Cree logo is a trademark of
Cree, Inc. UL® and the UR logo are registered trademarks of UL LLC.
11
XLamp® mL-C LED
tyPiCAL sPAtiAL Distribution - WhitE
tyPiCAL sPAtiAL Distribution - royAL bLuE
0%
20%
40%
60%
80%
100%
-90
-70
-50
-30
-10
10
30
50
70
90
Angle (º)
royal blue
0%
20%
40%
60%
80%
100%
-90
-70
-50
-30
-10
10
30
50
70
90
Angle (º)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com