Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ML-C Datasheet(PDF) 16 Page - Cree, Inc

Part # ML-C
Description  XLamp LEDs
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

ML-C Datasheet(HTML) 16 Page - Cree, Inc

Back Button ML-C Datasheet HTML 11Page - Cree, Inc ML-C Datasheet HTML 12Page - Cree, Inc ML-C Datasheet HTML 13Page - Cree, Inc ML-C Datasheet HTML 14Page - Cree, Inc ML-C Datasheet HTML 15Page - Cree, Inc ML-C Datasheet HTML 16Page - Cree, Inc ML-C Datasheet HTML 17Page - Cree, Inc ML-C Datasheet HTML 18Page - Cree, Inc ML-C Datasheet HTML 19Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 16 / 19 page
background image
16
16
Copyright © 2011-2016 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree® and XLamp® are registered trademarks and the Cree logo is a trademark of
Cree, Inc. UL® and the UR logo are registered trademarks of UL LLC.
16
XLamp® mL-C LED
LEDs should be baked at 70 ºC for 24 hours. LEDs may be baked on the original reels. Remove LEDs from the MBP before baking. Do
not bake parts at temperatures higher than 70 ºC. This baking operation resets the exposure time as defined in the Moisture Sensitivity
section above.
storage Conditions
XLamp ML-C LEDs that have been removed from the original MBP but not soldered should be stored in one of the following ways:
• Store the parts in a rigid metal container with a tight-fitting lid. Verify that the storage temperature is <30 °C, and place fresh desiccant
and an RH indicator in the container to verify that the RH is no greater than 60%.
• Store the parts in a dry, nitrogen-purged cabinet or container that actively maintains the temperature at <30° and the RH at no greater
than 60%.
• For short-term store only: LEDs can be resealed in the original MBP soon after opening. Fresh desiccant may be needed. Use the
included humidity indicator card to verify <60% RH.
If an environment of <60% RH is not available for storage, XLamp ML-C LEDs should be baked (described above) before reflow soldering.
rohs Compliance
The levels of RoHS restricted materials in this product are below the maximum concentration values (also referred to as the threshold
limits) permitted for such substances, or are used in an exempted application, in accordance with eU Directive 2011/65/eC (RoHS2), as
implemented January 2, 2013. RoHS Declarations for this product can be obtained from your Cree representative or from the Product
Documentation sections of www.cree.com.
rEACh Compliance
ReACh substances of very high concern (SvHCs) information is available for this product. Since the european Chemical Agency (eCHA)
has published notice of their intent to frequently revise the SVHC listing for the foreseeable future, please contact a Cree representative to
insure you get the most up-to-date ReACh SvHC Declaration. ReACh banned substance information (ReACh Article 67) is also available
upon request.
uL® recognized Component
Level 4 enclosure consideration. The LED package or a portion thereof has been investigated as a fire and electrical enclosure per ANSI/
UL 8750.
vision Advisory
WARNING. Do not look at exposed LED lamps in operation. Eye injury can result. For more information about LEDs and eye safety, please
refer to the LeD eye Safety application note.
notEs - ContinuED



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com