Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ML-C Datasheet(PDF) 15 Page - Cree, Inc

Part # ML-C
Description  XLamp LEDs
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

ML-C Datasheet(HTML) 15 Page - Cree, Inc

Back Button ML-C Datasheet HTML 11Page - Cree, Inc ML-C Datasheet HTML 12Page - Cree, Inc ML-C Datasheet HTML 13Page - Cree, Inc ML-C Datasheet HTML 14Page - Cree, Inc ML-C Datasheet HTML 15Page - Cree, Inc ML-C Datasheet HTML 16Page - Cree, Inc ML-C Datasheet HTML 17Page - Cree, Inc ML-C Datasheet HTML 18Page - Cree, Inc ML-C Datasheet HTML 19Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 15 / 19 page
background image
15
15
Copyright © 2011-2016 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree® and XLamp® are registered trademarks and the Cree logo is a trademark of
Cree, Inc. UL® and the UR logo are registered trademarks of UL LLC.
15
XLamp® mL-C LED
notEs
Measurements
The luminous flux, radiant power, chromaticity and CRI measurements in this document are binning specifications only and solely
represent product measurements as of the date of shipment. These measurements will change over time based on a number of factors
that are not within Cree’s control and are not intended or provided as operational specifications for the products. Calculated values are
provided for informational purposes only and are not intended as specifications.
Pre‑Release Qualification Testing
Please read the LeD Reliability Overview for details of the qualification process Cree applies to ensure long-term reliability for XLamp
LEDs and details of Cree’s pre-release qualification testing for XLamp LEDs.
Lumen Maintenance
Cree now uses standardized IES LM-80-08 and TM-21-11 methods for collecting long-term data and extrapolating LED lumen maintenance.
For information on the specific LM-80 data sets available for this LED, refer to the public LM-80 results document.
Please read the Long-Term Lumen Maintenance application note for more details on Cree’s lumen maintenance testing and forecasting.
Please read the Thermal Management application note for details on how thermal design, ambient temperature, and drive current affect
the LeD junction temperature.
Moisture sensitivity
Cree recommends keeping XLamp ML-C LEDs in the provided, resealable moisture-barrier packaging (MBP) until immediately prior to
soldering. Unopened MBPs that contain XLamp LEDs do not need special storage for moisture sensitivity.
Once the MBP is opened, XLamp ML-C LEDs should be handled and
stored as MSL 2a per JeDeC J-STD-033, meaning they have limited
exposure time before damage to the LeD may occur during the soldering
operation. The table on the right specifies the maximum exposure time
in days depending on temperature and humidity conditions. LeDs with
exposure time longer than the specified maximums must be baked
according to the baking conditions listed below.
baking Conditions
It is not necessary to bake all XLamp ML-C LEDs. Only the LEDs that meet all of the following criteria must be baked:
1. LEDs that have been removed from the original MBP.
2. LeDs that have been exposed to a humid environment longer than listed in the Moisture Sensitivity section above.
3. LeDs that have not been soldered.
temp.
Maximum Percent relative humidity
30%
40%
50%
60%
70%
80%
90%
35 ºC
-
-
-
17
1
.5
.5
30 ºC
-
-
-
28
1
1
1
25 ºC
-
-
-
-
2
1
1
20 ºC
-
-
-
-
2
1
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com