Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ML-C Datasheet(PDF) 14 Page - Cree, Inc

Part # ML-C
Description  XLamp LEDs
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

ML-C Datasheet(HTML) 14 Page - Cree, Inc

Back Button ML-C Datasheet HTML 10Page - Cree, Inc ML-C Datasheet HTML 11Page - Cree, Inc ML-C Datasheet HTML 12Page - Cree, Inc ML-C Datasheet HTML 13Page - Cree, Inc ML-C Datasheet HTML 14Page - Cree, Inc ML-C Datasheet HTML 15Page - Cree, Inc ML-C Datasheet HTML 16Page - Cree, Inc ML-C Datasheet HTML 17Page - Cree, Inc ML-C Datasheet HTML 18Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 19 page
background image
14
14
Copyright © 2011-2016 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree® and XLamp® are registered trademarks and the Cree logo is a trademark of
Cree, Inc. UL® and the UR logo are registered trademarks of UL LLC.
14
XLamp® mL-C LED
rEFLoW soLDErinG ChArACtEristiCs
In testing, Cree has found XLamp ML-C LEDs to be compatible with JEDEC J-STD-020C, using the parameters listed below. As a general
guideline, Cree recommends that users follow the recommended soldering profile provided by the manufacturer of the solder paste used.
Note that this general guideline may not apply to all PCB designs and configurations of reflow soldering equipment.
Profile Feature
Lead-Free solder
Average Ramp-Up Rate (Ts
max to Tp)
1.2 °C/second
Preheat: Temperature Min (Ts
min)
120 °C
Preheat: Temperature Max (Ts
max)
170 °C
Preheat: Time (ts
min to tsmax)
65-150 seconds
Time Maintained Above: Temperature (T
L)
217 °C
Time Maintained Above: Time (t
L)
45-90 seconds
Peak/Classification Temperature (Tp)
235 - 245 °C
Time Within 5 °C of Actual Peak Temperature (tp)
20-40 seconds
Ramp-Down Rate
1 - 6 °C/second
Time 25 °C to Peak Temperature
4 minutes max.
Note: All temperatures refer to topside of the package, measured on the package body surface.
Note: While the high reflow temperatures (above) have been approved, Cree’s best practice guideline for reflow is to use as low a
temperature as possible during the reflow soldering process for these LEDs.
IPC/JEDEC J-STD-020C
T
P
T
L
Time
t 25˚C to Peak
Preheat
ts
t
S
t
P
25
Ramp-down
Ramp-up
Critical Zone
T
L to TP
Ts
max
Ts
min



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com