Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM8281ECS/R Datasheet(PDF) 47 Page - Cirrus Logic

Part # WM8281ECS/R
Description  Low Power Audio System with Ambient Noise Cancellation and Echo Cancellation
PDF  392 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8281ECS/R Datasheet(HTML) 47 Page - Cirrus Logic

Back Button WM8281ECS/R Datasheet HTML 43Page - Cirrus Logic WM8281ECS/R Datasheet HTML 44Page - Cirrus Logic WM8281ECS/R Datasheet HTML 45Page - Cirrus Logic WM8281ECS/R Datasheet HTML 46Page - Cirrus Logic WM8281ECS/R Datasheet HTML 47Page - Cirrus Logic WM8281ECS/R Datasheet HTML 48Page - Cirrus Logic WM8281ECS/R Datasheet HTML 49Page - Cirrus Logic WM8281ECS/R Datasheet HTML 50Page - Cirrus Logic WM8281ECS/R Datasheet HTML 51Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 392 page
background image
WM8281
Rev 4.0
47
ANALOGUE MICROPHONE INPUT
Up to six analogue microphones can be connected to the WM8281, either in single-ended or
differential mode. The applicable mode is selected using the INn_MODE registers, as described later.
Note that the mode is configurable for each stereo pair of inputs; the Left and Right channels of any
pair of inputs are always in the same mode.
The WM8281 includes external accessory detection circuits, which can detect the presence of a
microphone, and the status of a hookswitch or other push-buttons. When using this function, it is
recommended to use one of the Right channel analogue microphone input paths, to ensure best
immunity to electrical transients arising from the push-buttons.
For single-ended input, the microphone signal is connected to the non-inverting input of the PGAs
(INnLP or INnRP). The inverting inputs of the PGAs are connected to an internal reference in this
configuration.
For differential input, the non-inverted microphone signal is connected to the non-inverting input of the
PGAs (INnLP or INnRP)
, whilst the inverted (or ‘noisy ground’) signal is connected to the inverting
input pins (INnLN or INnRN).
The gain of the input PGAs is controlled via register settings, as defined in Table 4. Note that the input
impedance of the analogue input paths is fixed across all PGA gain settings.
The Electret Condenser Microphone (ECM) analogue input configurations are illustrated in Figure 14
and Figure 15. The integrated MICBIAS generators provide a low noise reference for biasing the
ECMs.
To ADC
PGA
VMID
IN1xN,
IN2xN,
IN3xN
IN1xP,
IN2xP,
IN3xP
MIC
GND
MICBIAS
To ADC
PGA
VMID
IN1xN,
IN2xN,
IN3xN
IN1xP,
IN2xP,
IN3xP
MIC
GND
MICBIAS
Figure 14 Single-Ended ECM Input
Figure 15 Differential ECM Input
Analogue MEMS microphones can be connected to the WM8281 in a similar manner to the ECM
configurations described above; typical configurations are illustrated in Figure 16 and Figure 17. In
this configuration, the integrated MICBIAS generators provide a low-noise power supply for the
microphones.
To ADC
PGA
VREF
IN1xN,
IN2xN,
IN3xN
IN1xP,
IN2xP,
IN3xP
MEMS
Mic
MICBIAS
VDD
OUT
GND
GND
To ADC
PGA
VREF
IN1xN,
IN2xN,
IN3xN
IN1xP,
IN2xP,
IN3xP
MEMS
Mic
MICBIAS
VDD
OUT-P
GND
GND
OUT-N
Figure 16 Single-Ended MEMS Input
Figure 17 Differential MEMS Input
Note that the MICVDD pin can also be used (instead of MICBIASn) as a reference or power supply for
external microphones. The MICBIAS outputs are recommended, as these offer better noise
performance and independent enable/disable control.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com