Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM8281ECS/R Datasheet(PDF) 10 Page - Cirrus Logic

Part # WM8281ECS/R
Description  Low Power Audio System with Ambient Noise Cancellation and Echo Cancellation
PDF  392 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8281ECS/R Datasheet(HTML) 10 Page - Cirrus Logic

Back Button WM8281ECS/R Datasheet HTML 6Page - Cirrus Logic WM8281ECS/R Datasheet HTML 7Page - Cirrus Logic WM8281ECS/R Datasheet HTML 8Page - Cirrus Logic WM8281ECS/R Datasheet HTML 9Page - Cirrus Logic WM8281ECS/R Datasheet HTML 10Page - Cirrus Logic WM8281ECS/R Datasheet HTML 11Page - Cirrus Logic WM8281ECS/R Datasheet HTML 12Page - Cirrus Logic WM8281ECS/R Datasheet HTML 13Page - Cirrus Logic WM8281ECS/R Datasheet HTML 14Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 392 page
background image
WM8281
10
Rev 4.0
PIN NO
NAME
TYPE
DESCRIPTION
A2
IN3LN/
DMICCLK3
Analogue Input /
Digital Output
Left channel negative differential Mic/Line input /
Digital MIC clock output 3
B2
IN3LP
Analogue Input
Left channel single-ended Mic/Line input /
Left channel positive differential Mic/Line input
D2
IN3RN/
DMICDAT3
Analogue input /
Digital Input
Right channel negative differential Mic/Line input /
Digital MIC data input 3
C2
IN3RP
Analogue Input
Right channel single-ended Mic/Line input /
Right channel positive differential Mic/Line input
E11
IRQ
¯¯¯
Digital Output
Interrupt Request (IRQ) output (default is active low).
The pin configuration is selectable CMOS or Open Drain.
C13
JACKDET
Analogue Input
Jack detect input
E13
LDOENA
Digital Input
Enable pin for LDO1 (generates DCVDD supply).
Logic 1 input enables LDO1. If using external DCVDD supply,
then LDO1 is not used, and LDOENA must be held at logic 0.
F14
LDOVDD
Supply
Supply for LDO1
E14
LDOVOUT
Analogue Output
LDO1 output.
If using external DCVDD, then LDOVOUT must be left floating.
K13
MCLK1
Digital Input
Master clock 1
G14
MCLK2
Digital Input
Master clock 2
D1
MICBIAS1
Analogue Output
Microphone bias 1
C1
MICBIAS2
Analogue Output
Microphone bias 2
B1
MICBIAS3
Analogue Output
Microphone bias 3
A14
MICDET1/
HPOUT1FB2
Analogue Input
Microphone & accessory sense input 1/
HPOUT1L and HPOUT1R ground feedback pin 2
A1
MICVDD
Analogue Output
LDO2 output decoupling pin (generated internally by WM8281).
(Can also be used as reference/supply for external
microphones.)
E12
RESET
¯¯¯¯¯¯
Digital Input
Digital Reset input (active low)
L13
SLIMCLK
Digital Input / Output
SLIM Bus Clock input / output
K12
SLIMDAT
Digital Input / Output
SLIM Bus Data input / output
H9
SPKCLK1
Digital Output
Digital speaker (PDM) 1 clock output
H8
SPKCLK2
Digital Output
Digital speaker (PDM) 2 clock output
H10
SPKDAT1
Digital Output
Digital speaker (PDM) 1 data output
H7
SPKDAT2
Digital Output
Digital speaker (PDM) 2 data output
L4
SPKGNDLN
Supply
Left speaker driver ground (Return path for SPKVDDL).
See note.
K4
SPKGNDLP
Supply
Left speaker driver ground (Return path for SPKVDDL).
See note.
L3
SPKGNDRN
Supply
Right speaker driver ground (Return path for SPKVDDR).
See note.
K3
SPKGNDRP
Supply
Right speaker driver ground (Return path for SPKVDDR).
See note.
L5
SPKOUTLN
Analogue Output
Left speaker negative output
K5
SPKOUTLP
Analogue Output
Left speaker positive output
L2
SPKOUTRN
Analogue Output
Right speaker negative output
K2
SPKOUTRP
Analogue Output
Right speaker positive output
H1
SPKTST1
Analogue Output
Test function (recommend no external connection)
H2
SPKTST2
Analogue Output
Test function (recommend no external connection)
K6, L6
SPKVDDL
Supply
Left speaker driver supply
K1, L1
SPKVDDR
Supply
Right speaker driver supply
D14, F2
SUBGND
Supply
Substrate ground
F9
TCK
Digital Input
JTAG clock input.
Internal pull-down holds this pin at logic 0 for normal operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com