Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM8281ECS/R Datasheet(PDF) 61 Page - Cirrus Logic

Part # WM8281ECS/R
Description  Low Power Audio System with Ambient Noise Cancellation and Echo Cancellation
PDF  392 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8281ECS/R Datasheet(HTML) 61 Page - Cirrus Logic

Back Button WM8281ECS/R Datasheet HTML 57Page - Cirrus Logic WM8281ECS/R Datasheet HTML 58Page - Cirrus Logic WM8281ECS/R Datasheet HTML 59Page - Cirrus Logic WM8281ECS/R Datasheet HTML 60Page - Cirrus Logic WM8281ECS/R Datasheet HTML 61Page - Cirrus Logic WM8281ECS/R Datasheet HTML 62Page - Cirrus Logic WM8281ECS/R Datasheet HTML 63Page - Cirrus Logic WM8281ECS/R Datasheet HTML 64Page - Cirrus Logic WM8281ECS/R Datasheet HTML 65Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 392 page
background image
WM8281
Rev 4.0
61
INPUT SIGNAL PATH ANC CONTROL
The WM8281 incorporates a stereo Ambient Noise Cancellation (ANC) processor which can provide
noise reduction in a variety of different operating conditions.
The Left and Right ANC input sources for the Receive Path ANC function are selected using the
IN_RXANCL_SEL and IN_RXANCR_SEL registers, as described in Table 6.
See “Ambient Noise Cancellation” for further details of the ANC function.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R3841
(0F01h)
ANC_SRC
6:4
IN_RXANCR_SE
L [2:0]
000
Right Input source for Rx ANC function
000 = No selection
001 = Input Path 1
010 = Input Path 2
011 = Input Path 3
100 = Input Path 4
101 to 111 = Reserved
2:0
IN_RXANCL_SE
L [2:0]
000
Left Input source for Rx ANC function
000 = No selection
001 = Input Path 1
010 = Input Path 2
011 = Input Path 3
100 = Input Path 4
101 to 111 = Reserved
Table 6 Input Signal Paths ANC Control
DIGITAL MICROPHONE INTERFACE PULL-DOWN
The WM8281 provides integrated pull-down resistors on the DMICDAT1, DMICDAT2, DMICDAT3 and
DMICDAT4 pins. This provides a flexible capability for interfacing with other devices.
Each of the pull-down resistors can be configured independently using the register bits described in
Table 7. Note that, if the DMICDAT1, DMICDAT2, DMICDAT3 or DMICDAT4 digital microphone input
paths are disabled, then the pull-down will be disabled on the respective pin.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R3106
(0C22h)
Misc Pad
Ctrl 3
3
DMICDAT4_PD
0
DMICDAT4 Pull-Down Control
0 = Disabled
1 = Enabled
2
DMICDAT3_PD
0
DMICDAT3 Pull-Down Control
0 = Disabled
1 = Enabled
1
DMICDAT2_PD
0
DMICDAT2 Pull-Down Control
0 = Disabled
1 = Enabled
0
DMICDAT1_PD
0
DMICDAT1 Pull-Down Control
0 = Disabled
1 = Enabled
Table 7 Digital Microphone Interface Pull-Down Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com