Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM8281ECS/R Datasheet(PDF) 11 Page - Cirrus Logic

Part # WM8281ECS/R
Description  Low Power Audio System with Ambient Noise Cancellation and Echo Cancellation
PDF  392 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8281ECS/R Datasheet(HTML) 11 Page - Cirrus Logic

Back Button WM8281ECS/R Datasheet HTML 7Page - Cirrus Logic WM8281ECS/R Datasheet HTML 8Page - Cirrus Logic WM8281ECS/R Datasheet HTML 9Page - Cirrus Logic WM8281ECS/R Datasheet HTML 10Page - Cirrus Logic WM8281ECS/R Datasheet HTML 11Page - Cirrus Logic WM8281ECS/R Datasheet HTML 12Page - Cirrus Logic WM8281ECS/R Datasheet HTML 13Page - Cirrus Logic WM8281ECS/R Datasheet HTML 14Page - Cirrus Logic WM8281ECS/R Datasheet HTML 15Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 392 page
background image
WM8281
Rev 4.0
11
PIN NO
NAME
TYPE
DESCRIPTION
F8
TDI
Digital Input
JTAG data input.
Internal pull-down holds this pin at logic 0 for normal operation.
K11
TDO
Digital Output
JTAG data output
F7
TMS
Digital Input
JTAG mode select input.
Internal pull-down holds this pin at logic 0 for normal operation.
F6
TRST
Digital Input
JTAG Test Access Port reset (active low).
Internal pull-down holds this pin at logic 0 for normal operation.
F1
VREFC
Analogue Output
Bandgap reference external components connection
B10, C8, C9,
C10, C11,
D8, D9, D10,
D11, F4, G1,
G2, G3, G4,
H3, J1, J2,
J3, J4, J5, J6
NC
n/a
No Connection
Note: Separate P/N ground connections are provided for each speaker driver channel; this provides flexible support for current
monitoring and output protection circuits. If this option is not used, then the respective ground connections should be tied together on
the PCB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com