Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM8281ECS/R Datasheet(PDF) 93 Page - Cirrus Logic

Part # WM8281ECS/R
Description  Low Power Audio System with Ambient Noise Cancellation and Echo Cancellation
PDF  392 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8281ECS/R Datasheet(HTML) 93 Page - Cirrus Logic

Back Button WM8281ECS/R Datasheet HTML 89Page - Cirrus Logic WM8281ECS/R Datasheet HTML 90Page - Cirrus Logic WM8281ECS/R Datasheet HTML 91Page - Cirrus Logic WM8281ECS/R Datasheet HTML 92Page - Cirrus Logic WM8281ECS/R Datasheet HTML 93Page - Cirrus Logic WM8281ECS/R Datasheet HTML 94Page - Cirrus Logic WM8281ECS/R Datasheet HTML 95Page - Cirrus Logic WM8281ECS/R Datasheet HTML 96Page - Cirrus Logic WM8281ECS/R Datasheet HTML 97Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 392 page
background image
WM8281
Rev 4.0
93
support the commanded DSP mixing functions. If an attempt is made to enable a DSP mixer path,
and there are insufficient SYSCLK cycles to support it, then the attempt will be unsuccessful. (Note
that any signal paths that are already active will not be affected under these circumstances.)
The Underclocked Error condition can be monitored using the GPIO and/or Interrupt functions. See
“General Purpose Input / Output” and “Interrupts” for further details.
The status bits in Registers R1600 to R3000 indicate the status of each of the digital mixers. If an
Underclocked Error condition occurs, then these bits provide readback of which mixer(s) have been
successfully enabled.
The WM8281 supports up to eight DSP Status flags as outputs from the DSP blocks. These are
configurable within the DSP to provide external indication of the required function(s). The DSP Status
flags can be read using the DSP_IRQn_STS registers described in Table 98
(see “Interrupts”).
The DSP Status flags are inputs to the Interrupt control circuit and can be used to trigger an interrupt
event - s
ee “Interrupts”.
The DSP Status flags can be output directly on a GPIO pin as an external indication of the DSP
Status. S
ee “General Purpose Input / Output” to configure a GPIO pin for this function.
The DSP_IRQn_STS fields are read-only bits. These bits can be set (or reset) by writing to the
DSP_IRQn fields, as described in Table 18. This facility can be used to allow a DSP core to generate
an interrupt to the host processor. The DSP interrupt registers are asserted on the rising and falling
edges of the respective DSP_IRQn fields.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R3393
(0D41h)
ADSP2
IRQ0
1
DSP_IRQ2
0
DSP IRQ2
0 = Not asserted
1 = Asserted
This bit can be set/reset by a DSP core in
order to generate a DSP_IRQ2_EINTn
interrupt to the host processor.
0
DSP_IRQ1
0
DSP IRQ1
0 = Not asserted
1 = Asserted
This bit can be set/reset by a DSP core in
order to generate a DSP_IRQ1_EINTn
interrupt to the host processor.
R3394
(0D42h)
ADSP2
IRQ1
1
DSP_IRQ4
0
DSP IRQ4
0 = Not asserted
1 = Asserted
This bit can be set/reset by a DSP core in
order to generate a DSP_IRQ4_EINTn
interrupt to the host processor.
0
DSP_IRQ3
0
DSP IRQ3
0 = Not asserted
1 = Asserted
This bit can be set/reset by a DSP core in
order to generate a DSP_IRQ3_EINTn
interrupt to the host processor.
R3395
(0D43h)
ADSP2
IRQ2
1
DSP_IRQ6
0
DSP IRQ6
0 = Not asserted
1 = Asserted
This bit can be set/reset by a DSP core in
order to generate a DSP_IRQ6_EINTn
interrupt to the host processor.
0
DSP_IRQ5
0
DSP IRQ5
0 = Not asserted
1 = Asserted
This bit can be set/reset by a DSP core in
order to generate a DSP_IRQ5_EINTn
interrupt to the host processor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com