Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM8281ECS/R Datasheet(PDF) 122 Page - Cirrus Logic

Part # WM8281ECS/R
Description  Low Power Audio System with Ambient Noise Cancellation and Echo Cancellation
PDF  392 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8281ECS/R Datasheet(HTML) 122 Page - Cirrus Logic

Back Button WM8281ECS/R Datasheet HTML 118Page - Cirrus Logic WM8281ECS/R Datasheet HTML 119Page - Cirrus Logic WM8281ECS/R Datasheet HTML 120Page - Cirrus Logic WM8281ECS/R Datasheet HTML 121Page - Cirrus Logic WM8281ECS/R Datasheet HTML 122Page - Cirrus Logic WM8281ECS/R Datasheet HTML 123Page - Cirrus Logic WM8281ECS/R Datasheet HTML 124Page - Cirrus Logic WM8281ECS/R Datasheet HTML 125Page - Cirrus Logic WM8281ECS/R Datasheet HTML 126Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 122 / 392 page
background image
WM8281
122
Rev 4.0
DSP FIRMWARE CONTROL
The WM8281 digital core incorporates four DSP processing blocks, capable of running a wide range
of audio enhancement functions. Different firmware configurations can be loaded onto each DSP,
enabling the WM8281 to be highly customised for specific application requirements. Synchronisation
of different DSPs is supported, and shared data memory space is provided for the DSP2 and DSP3
blocks; these features enable enhanced processing capabilities for the associated DSPs.
Examples of the DSP functions include Virtual Surround Sound (VSS), Multiband Compressor (MBC),
and signal enhancements such as Ez2 Hear™. Note that it is possible to implement more than one
type of audio enhancement function on a single DSP; the precise combination(s) of functions will vary
from one firmware configuration to another.
DSP firmware can be configured using Cirrus Logic-supplied software packages. A software
programming guide can also be provided to assist users in developing their own software algorithms -
please contact your local Cirrus Logic representative for further information.
In order to use the DSP blocks, the required firmware configuration must first be loaded onto the
device by writing the appropriate files to the WM8281 register map. The firmware configuration will
comprise Program, Coefficient and Data content. In some cases, the Coefficient content must be
derived using tools provided in Cirrus Logic
’s WISCE™ evaluation board control software.
Details of how to load the firmware configuration onto the WM8281 are described below. Note that the
WISCE evaluation board control software provides support for easy loading of Program, Coefficient
and Data content onto the WM8281. Please contact your local Cirrus Logic representative for more
details of the WISCE evaluation board control software.
After loading the DSP firmware, the DSP functions must be enabled using the associated register
control fields.
The audio signal paths connecting to/from the DSP processing blocks are configured as described in
the “Digital Core” section. Note that the DSP firmware must be loaded and enabled before audio
signal paths can be enabled.
DSP FIRMWARE MEMORY CONTROL
The DSP firmware memory is programmed by writing to the registers referenced in Table 26. Note
that the DSP clock must be configured and enabled for the respective DSP block to support read/write
access to these registers.
The WM8281 Program, Coefficient and Data register memory space is described in Table 26. See
“Register Map” for a definition of these register addresses. The shared DSP2/DSP3 memory space is
implemented at two different register address locations; note that reading or writing at either address
will access the same memory data.
If multiple DSPs write to a shared memory address at the same time, then the address at which the
collision occurred will be reported in the DSP3_DUALMEM_COLLISION_ADDR register. Note that
this field is coded in 24-bit DSP data word units, and is defined relative to the base address of the
applicable shared memory area.
The DSP memory controller provides an input to the Interrupt Controller circuit. An interrupt event is
triggered if a memory collision occurs. (Note that the DSP software should be written to ensure this
never happens; the interrupt is intended for development purposes only.)
See “Interrupts” for more
details of the Interrupt event handling.
The Program firmware parameters are formatted as 40-bit words. For this reason, 3 x 16-bit register
addresses are required for each 40-bit word.
The Coefficient and Data firmware parameters are formatted as 24-bit words. For this reason, 2 x 16-
bit register addresses are required for each 24-bit word.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com