Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM8281ECS/R Datasheet(PDF) 140 Page - Cirrus Logic

Part # WM8281ECS/R
Description  Low Power Audio System with Ambient Noise Cancellation and Echo Cancellation
PDF  392 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8281ECS/R Datasheet(HTML) 140 Page - Cirrus Logic

Back Button WM8281ECS/R Datasheet HTML 136Page - Cirrus Logic WM8281ECS/R Datasheet HTML 137Page - Cirrus Logic WM8281ECS/R Datasheet HTML 138Page - Cirrus Logic WM8281ECS/R Datasheet HTML 139Page - Cirrus Logic WM8281ECS/R Datasheet HTML 140Page - Cirrus Logic WM8281ECS/R Datasheet HTML 141Page - Cirrus Logic WM8281ECS/R Datasheet HTML 142Page - Cirrus Logic WM8281ECS/R Datasheet HTML 143Page - Cirrus Logic WM8281ECS/R Datasheet HTML 144Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 140 / 392 page
background image
WM8281
140
Rev 4.0
AMBIENT NOISE CANCELLATION
The Cirrus Logic Ambient Noise Cancellation (ANC) processor within the WM8281 provides the
capability to improve the intelligibility of a voice call by using destructive interference to reduce the
acoustic energy of the ambient sound. The stereo ANC capability supports a wide variety of
headset/handset applications.
The ANC processor is configured using parameters that are determined during product development
and downloaded to the WM8281. The configuration settings are specific to the acoustic properties of
the target application. The primary acoustic elements in an application are typically the microphones
and the speaker, but other components such as the plastics and the PCBs also have significant
importance to the acoustic coefficient data.
Note that the ANC configuration parameters are application-specific, and must be recalculated
following any change in the design of the acoustic elements of that application. Any mismatch
between the acoustic coefficient data and the target application will give inferior ANC performance.
The signal path configuration settings are adjusted during product calibration to compensate for
component tolerances. Also, calibration allows DC offsets in the earpiece output path to be measured
and compensated, thus reducing power consumption and minimising any pops and clicks in the
output signal path.
The ANC processor employs stereo digital circuits to process the ambient noise (microphone) signals;
the noise input paths (analogue or digital) are selected as described in Table 6. The selected sources
are filtered and processed in accordance with the acoustic parameters programmed into the WM8281.
The resulting noise cancellation signals can be mixed with the output signal paths using the register
bits described in Table 63.
Noise cancellation is applied selectively to different audio frequency bands; a low frequency limiter
ensures that the ANC algorithms deliver noise reduction in the most sensitive frequency bands,
without introducing distortion in other frequency bands.
The ANC processor is adaptive to different ambient noise levels in order to provide the most natural
sound at the headphone audio output. The stereo ANC signal processing supports a very high level of
noise cancellation capability for a wide variety of headset/handset applications. It also incorporates a
noise gating function, which ensures that the noise cancellation performance is optimised across a
wide range of input signal conditions.
Note that the ANC configuration data is lost whenever the DCVDD power domain is removed; the
ANC configuration data must be downloaded to the WM8281 each time the device is powered up.
The procedure for configuring the WM8281
ANC functions is tailored to each customer’s application;
please contact your local Cirrus Logic representative for more details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com