Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM8281ECS/R Datasheet(PDF) 180 Page - Cirrus Logic

Part # WM8281ECS/R
Description  Low Power Audio System with Ambient Noise Cancellation and Echo Cancellation
PDF  392 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8281ECS/R Datasheet(HTML) 180 Page - Cirrus Logic

Back Button WM8281ECS/R Datasheet HTML 176Page - Cirrus Logic WM8281ECS/R Datasheet HTML 177Page - Cirrus Logic WM8281ECS/R Datasheet HTML 178Page - Cirrus Logic WM8281ECS/R Datasheet HTML 179Page - Cirrus Logic WM8281ECS/R Datasheet HTML 180Page - Cirrus Logic WM8281ECS/R Datasheet HTML 181Page - Cirrus Logic WM8281ECS/R Datasheet HTML 182Page - Cirrus Logic WM8281ECS/R Datasheet HTML 183Page - Cirrus Logic WM8281ECS/R Datasheet HTML 184Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 180 / 392 page
background image
WM8281
180
Rev 4.0
OUTPUT SIGNAL PATH
The WM8281 provides six stereo pairs of audio output signal paths. These outputs comprise ground-
referenced headphone drivers, differential speaker drivers and digital output interfaces suitable for
external speaker drivers. The output signal paths are summarised in Table 60.
SIGNAL PATH
DESCRIPTIONS
OUTPUT PINS
OUT1L, OUT1R
Ground-referenced headphone output
HPOUT1L, HPOUT1R
OUT2L, OUT2R
Ground-referenced headphone output
HPOUT2L, HPOUT2R
OUT3L, OUT3R
Ground-referenced headphone output
HPOUT3L, HPOUT3R
OUT4L, OUT4R
Differential speaker output
SPKOUTLN, SPKOUTLP,
SPKOUTRP, SPKOUTRN
OUT5L, OUT5R
Digital speaker (PDM) output
SPKDAT1, SPKCLK1
OUT6L, OUT6R
Digital speaker (PDM) output
SPKDAT2, SPKCLK2
Table 60 Output Signal Path Summary
The analogue output paths incorporate high performance 24-bit sigma-delta DACs.
Under default conditions, the headphone drivers provide a stereo, single-ended output. A mono mode
is also available on each headphone output pair, providing a differential (BTL) configuration. The
ground-referenced headphone output paths incorporate a common mode feedback path for rejection
of system-related noise. These outputs support direct connection to headphone loads, with no
requirement for AC coupling capacitors.
The speaker output paths are configured to drive a stereo pair of differential (BTL) outputs. The Class
D design offers high efficiency at large signal levels. With a suitable choice of external speaker, the
Class D output can drive loudspeakers directly, without any additional filter components.
The digital output paths provide two stereo Pulse Density Modulation (PDM) output interfaces, for
connection to external audio devices. A total of four digital output channels are provided.
Digital volume control is available on all outputs (analogue and digital), with programmable ramp
control for smooth, glitch-free operation. A configurable noise gate function is available on each of the
output signal paths. Any of the output signal paths may be selected as input to the Acoustic Echo
Cancellation (AEC) loopback path.
The WM8281 incorporates thermal protection functions, and also provides short-circuit detection on
the Class D speaker and headphone output paths. For further details, refer to the “Thermal Shutdown
and Short Circuit Protection
” section.
The WM8281 output signal paths are illustrated in Figure 56. Note that a phase inversion is present in
the Class D output (OUT4) path, as shown below.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com