Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM8281ECS/R Datasheet(PDF) 207 Page - Cirrus Logic

Part # WM8281ECS/R
Description  Low Power Audio System with Ambient Noise Cancellation and Echo Cancellation
PDF  392 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8281ECS/R Datasheet(HTML) 207 Page - Cirrus Logic

Back Button WM8281ECS/R Datasheet HTML 203Page - Cirrus Logic WM8281ECS/R Datasheet HTML 204Page - Cirrus Logic WM8281ECS/R Datasheet HTML 205Page - Cirrus Logic WM8281ECS/R Datasheet HTML 206Page - Cirrus Logic WM8281ECS/R Datasheet HTML 207Page - Cirrus Logic WM8281ECS/R Datasheet HTML 208Page - Cirrus Logic WM8281ECS/R Datasheet HTML 209Page - Cirrus Logic WM8281ECS/R Datasheet HTML 210Page - Cirrus Logic WM8281ECS/R Datasheet HTML 211Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 207 / 392 page
background image
WM8281
Rev 4.0
207
In applications where a large decoupling capacitance is present on the MICBIAS output, the MICDET
Clamp function alone may be unable to discharge the capacitor sufficiently to eliminate pops and
clicks associated with jack insertion and removal. In this case, it may be desirable to use the General
Purpose Switch within the WM8281 to provide isolation from the MICBIAS output; an example circuit
is shown in Figure 64.
The General Purpose Switch is configured using SW1_MODE. This register allows the switch to be
disabled, enabled, or synchronised to the MICDET Clamp status, as described in Table 76.
For jack pop suppression, it is recommended to set SW1_MODE=11. In this case, the switch contacts
are open whenever the MICDET Clamp is active, and the switch contacts are closed whenever the
MICDET Clamp is inactive.
Normal accessory functions are supported when the switch contacts (GPSWA and GPSWB) are
closed, and the MICDET Clamp is inactive. Ground clamping of MICDET, and isolation of MICBIAS
are achieved when the switch contacts are open, and the MICDET Clamp is active.
Note that the MICDET Clamp function must also be configured appropriately when using this method
of pop suppression control.
HPOUT1FB1/
MICDET2
MICDET1/
HPOUT1FB2
MICBIASn
C
* INnRP
R1+R2 = 2.2k
 (+/-2%)
GPSWA
GPSWB
R1
R2
C
* Note: The Jack plug is shown partially
removed, with the MICDET1 pin in
contact with the headphone load.
* see note
General Purpose
Switch Control
SW1_MODE
WM8281
MICDET
Clamp Control
MICD_CLAMP_MODE
MICD_CLAMP_STS
MICD_CLAMP_DB
When the MICDET Clamp is active in the configuration shown, the
MICDET1 pin is grounded via the headphone jack ground connection.
* Note that the Right analogue mic
channel is recommended with the
external accessory detect function
Figure 64 General Purpose Switch circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com