Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM8281ECS/R Datasheet(PDF) 227 Page - Cirrus Logic

Part # WM8281ECS/R
Description  Low Power Audio System with Ambient Noise Cancellation and Echo Cancellation
PDF  392 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8281ECS/R Datasheet(HTML) 227 Page - Cirrus Logic

Back Button WM8281ECS/R Datasheet HTML 223Page - Cirrus Logic WM8281ECS/R Datasheet HTML 224Page - Cirrus Logic WM8281ECS/R Datasheet HTML 225Page - Cirrus Logic WM8281ECS/R Datasheet HTML 226Page - Cirrus Logic WM8281ECS/R Datasheet HTML 227Page - Cirrus Logic WM8281ECS/R Datasheet HTML 228Page - Cirrus Logic WM8281ECS/R Datasheet HTML 229Page - Cirrus Logic WM8281ECS/R Datasheet HTML 230Page - Cirrus Logic WM8281ECS/R Datasheet HTML 231Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 227 / 392 page
background image
WM8281
Rev 4.0
227
GENERAL PURPOSE INPUT / OUTPUT
The WM8281 provides a number of GPIO functions to enable interfacing and detection of external
hardware and to provide logic outputs to other devices. The GPIO input functions can be used to
generate an Interrupt (IRQ) event. The GPIO and Interrupt circuits support the following functions:
Digital audio interface function (AIFnTXLRCLK)
Logic input / Button detect (GPIO input)
Logic ‘1’ and logic ‘0’ output (GPIO output)
Interrupt (IRQ) status output
DSP Status Flag (DSP IRQn) and RAM status output
Clock output
Frequency Locked Loop (FLL) status output
Frequency Locked Loop (FLL) Clock output
Pulse Width Modulation (PWM) Signal output
Headphone Detection status output
Microphone / Accessory Detection status output
Headphone Enable status output
Boot Sequence status output
Asynchronous Sample Rate Converter (ASRC) Lock status and Configuration Error output
Isochronous Sample Rate Converter (ISRC) Configuration Error output
Over-Temperature, Short Circuit Protection, and Speaker Shutdown status output
Dynamic Range Control (DRC) status output
Control Write Sequencer status output
Control Interface Error status output
Clocking Error status output
Note that the GPIO pins are referenced to different power domains (DBVDD1, DBVDD2 or DBVDD3),
as noted in the “Pin Description” section.
The GPIO4 function shares the same pin as CIF1MISO (see “Control Interface”). The GPIO4 function
is enabled by setting SPI_GPIO = 0, as described in Table 113.
In addition to the functions described in this section, the GPIO5 pin can be configured as an input to
the Control Write Sequencer (see “Control Write Sequencer”). See also Table 85 for details of the
associated register control fields.
The GPIO5 pin is one of the ‘Always On’ digital input / output pins and can be used as a ‘Wake-Up’
input in the low-
power ‘Sleep’ mode. The GPIO5 pin can also be used as an input to the MICDET
Clamp function, supporting additional functionality relating to jack insertion or jack removal events See
“Low Power Sleep Configuration” for further details.
The WM8281 also incorporates a General Purpose Switch feature, which can be used as a
controllable analogue switch; details of this are provided at the end of this “General Purpose Input /
Output
” section.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com