Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM8281ECS/R Datasheet(PDF) 245 Page - Cirrus Logic

Part # WM8281ECS/R
Description  Low Power Audio System with Ambient Noise Cancellation and Echo Cancellation
PDF  392 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8281ECS/R Datasheet(HTML) 245 Page - Cirrus Logic

Back Button WM8281ECS/R Datasheet HTML 241Page - Cirrus Logic WM8281ECS/R Datasheet HTML 242Page - Cirrus Logic WM8281ECS/R Datasheet HTML 243Page - Cirrus Logic WM8281ECS/R Datasheet HTML 244Page - Cirrus Logic WM8281ECS/R Datasheet HTML 245Page - Cirrus Logic WM8281ECS/R Datasheet HTML 246Page - Cirrus Logic WM8281ECS/R Datasheet HTML 247Page - Cirrus Logic WM8281ECS/R Datasheet HTML 248Page - Cirrus Logic WM8281ECS/R Datasheet HTML 249Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 245 / 392 page
background image
WM8281
Rev 4.0
245
GENERAL PURPOSE SWITCH
The WM8281 provides a General Purpose Switch, which can be used as a controllable analogue
switch for external functions. The switch is implemented between the GPSWA and GPSWB pins. Note
that this feature is entirely independent to the GPIOn pins.
The General Purpose Switch is configured using SW1_MODE. This register allows the switch to be
disabled, enabled, or synchronised to the MICDET Clamp status, as described in Table 95.
The switch is a bi-directional analogue switch, offering flexibility in the potential circuit applications.
Refer to the “Absolute Maximum Ratings” and “Electrical Characteristics” for further details.
The switch can be used in conjunction with the MICDET Clamp function, in order suppress pops and
clicks associated with jack insertion and removal. An example circuit is shown in Figure 64, within the
“External Accessory Detection” section. Note that the MICDET Clamp function must also be
configured appropriately when using this method of pop suppression control.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R3096
(0C18h)
GP Switch 1
1:0
SW1_MODE [1:0]
00
General Purpose Switch control
00 = Disabled (open)
01 = Enabled (closed)
10 = Enabled when MICDET Clamp is
active
11 = Enabled when MICDET Clamp is
not active
Table 95 General Purpose Switch control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com